Electronic Components Datasheet Search
  English  ▼

X  

ZOPT2201 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZOPT2201 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button ZOPT2201 Datasheet HTML 30Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 31Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 32Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 33Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 34Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 35Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 36Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 37Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
34
September 2, 2016
3.11.9 COMP_DATA
Address
16HEX and 17HEX and 18HEX
Default value
00HEX and 00HEX and 00HEX
Register access
R
Bit
7
6
5
4
3
2
1
0
16HEX
COMP_DATA_0[7:0]
17HEX
COMP_DATA_1[15:8]
18HEX
0
0
0
0
COMP_DATA_2[19:16]
ALS compensation channel (COMP) digital output data (unsigned integer, 13 to 20 bit, LSB aligned).
Register carries ALS temperature compensation data. See Table 3.3 for details.
When an I²C read operation is active and points to an address in the range 07HEX to 18HEX, all registers in this range are
locked until the I²C read operation is completed or this address range is left.
This guarantees that the data in the registers belongs to the same measurement cycle. New measurement data is
stored into temporary registers and the actual *_DATA registers are updated as soon as there is no on-going I²C read
operation to the address range 07HEX to 18HEX.
Register 16HEX
Bit[7:0]
COMP diode data least significant data byte
Register 17HEX
Bit[7:0]
COMP diode data intervening data byte
Register 18HEX
Bit[3:0]
COMP diode data most significant data byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com