Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4523KIT Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSPM4523KIT
Description  High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4523KIT Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSPM4523KIT Datasheet HTML 17Page - Renesas Technology Corp ZSPM4523KIT Datasheet HTML 18Page - Renesas Technology Corp ZSPM4523KIT Datasheet HTML 19Page - Renesas Technology Corp ZSPM4523KIT Datasheet HTML 20Page - Renesas Technology Corp ZSPM4523KIT Datasheet HTML 21Page - Renesas Technology Corp ZSPM4523KIT Datasheet HTML 22Page - Renesas Technology Corp ZSPM4523KIT Datasheet HTML 23Page - Renesas Technology Corp ZSPM4523KIT Datasheet HTML 24Page - Renesas Technology Corp ZSPM4523KIT Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ZSPM4523 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 29, 2016
6
Layout Recommendations
To maximize the efficiency of this package for application on a single layer or multi-layer PCB, certain guidelines
must be followed when laying out this part on the PCB.
6.1.
Multi-Layer PCB Layout
The following are guidelines for mounting the exposed pad ZSPM4523 on a multi-Layer PCB with ground a plane.
In a multi-layer board application, the thermal vias are the primary method of heat transfer from the package
thermal pad to the internal ground plane. The efficiency of this method depends on several factors, including die
area, number of thermal vias, and thickness of copper, etc.
Figure 6.1
Package and PCB Land Configuration for Multi-Layer PCB
Package Thermal Pad
Solder Pad (Land Pattern)
Thermal Vias
Package Outline
Figure 6.2
JEDEC Standard FR4 Multi-Layer Board – Cross-Sectional View
(square)
Package Solder
Pad
Package Solder
Pad (bottom trace)
Thermal Via
Component Traces
Thermal Isolation
Power plane only
1.5748mm
0.0 - 0.071 mm Board
Base & Bottom Pad
0.5246 - 0.5606 mm
Power Plane
(1oz Cu)
1.0142 - 1.0502 mm
Ground Plane
(1oz Cu)
1.5038 - 1.5748 mm
Component Trace
(2oz Cu)
2 Plane
4 Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com