Electronic Components Datasheet Search
  English  ▼

X  

PI6C2952 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2952
Description  Low Voltage PLL Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2952 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2952 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8542A
01/30-06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2952
Description
The PI6C2952 is a 3.3V compatible, PLL-based clock driver device
targeted for high-performance clock applications. The device fea-
tures a fully integrated PLL with no external components
required. With output frequencies up to 180MHz and eleven low-
skew outputs, the PI6C2952 is well suited for high-performance
designs. The device employs a fully differential PLL design to
optimize jitter and noise rejection performance.
The PI6C2952 features three banks of individually configurable
outputs. The banks contain 5 outputs, 4 outputs, and 2 outputs. The
internal divide circuitry allows for output frequency ratios of 1:1, 2:1,
3:1, and 3:2:1. The output frequency relationship is controlled by the
fsel frequency control pins. The fsel pins and other inputs are
LVCMOS/LVTTL compatible inputs.
The PI6C2952 uses external feedback to the PLL. This features
allows the device to be used as a “zero delay” buffer. Any of the
eleven outputs can be used as feedback to the PLL. To optimize PLL
stability and jitter performance,the VCO_Sel pin allows for the
choice of two VCO ranges. For board level test, the MR/OE pin
allows a user to force the outputs into high impedance. For system
debug, the PI6C2952’s PLL can be bypassed. When forced to a logic
HIGH, the PL_LEN input routes the signal on the RefClk input
around the PLL directly to the internal dividers. Because the signal
is routed through the dividers, it may take several transitions of the
RefClk to affect a transition on the outputs. This features allows a
designer to single step the design for debug purposes.
The PI6C2952’s outputs are LVCMOS which are optimally designed
to drive terminated transmission lines. For applications using series-
terminated transmission lines, each PI6C2952 output can drive two
lines. This capability provides an effective fanout of 22, more than
enough clocks for most clock tree designs.
Features
• ±100ps Cycle-to-Cycle Jitter
• Fully Integrated PLL
• Output Frequency up to 180MHz
• High-Impedance Disabled Outputs
• Compatible with PowerPC, Intel, and High-Performance
RISC Microprocessors
• Configurable Output Frequency
• 32-Pin LQFP Package (FB)
PinConfiguration
Low Voltage PLL Clock Driver
24 23 22 21 20 19 18 17
1
2 3 4
5
6 7 8
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
VCCO
Qb2
Qb3
GNDO
GNDO
Qc0
Qc1
VCCO
VCCO
Qa2
Qa1
GNDO
Qa0
VCCI
VCCA
PLL_En
32-Pin
FB


Similar Part No. - PI6C2952

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
PI6C2972FC PERICOM-PI6C2972FC Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
PI6C2972FCE PERICOM-PI6C2972FCE Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
More results

Similar Description - PI6C2952

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com