Electronic Components Datasheet Search
  English  ▼

X  

AMQL-N Datasheet(PDF) 1 Page - AIMTEC

Part # AMQL-N
Description  0.25 watt dc-dc converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMQL-N Datasheet(HTML) 1 Page - AIMTEC

  AMQL-N Datasheet HTML 1Page - AIMTEC AMQL-N Datasheet HTML 2Page - AIMTEC AMQL-N Datasheet HTML 3Page - AIMTEC AMQL-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM1/4L-N Series
0.25 watt dc-dc converters
• SMD PACKAGE
• UL94-VO PACKAGE
• LOW RIPPLE & NOISE
• EFFICIENCY UP TO 68%
• INPUT/OUTPUT ISOLATIONS OF 1000 & 3000VDC
• OPERATING TEMPERATURE: -40°C ... +85°C
• UNREGULATED
• PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Our AM1/4L-N series is a family of cost effective
1/4W single and dual output DC/DC converters.
These converters combine a miniature SMD pack-
age and high performance features such as a 1000 &
3000VDC input/output isolation voltages, continu-
ous short circuit protection and a tight line / load
regulation.
96 models operate from input voltages of 3.3, 5, 12 and
24VDC producing output voltages of 3.3, 5, 9, 12, 15,
24, ±5, ±9, ±12, ±15 & ±24VDC. Full SMD design
and a 100% production test of parameters ensures a
high reliability in this product.
MTBF: > 3,500,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification.
Isolation Specifications:
Rated voltage (60 sec)
1000 & 3000VDC
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Output Specifications:
Voltage accuracy
±5%, max.
Voltage balance (Dual Output)
±2%
Ripple & Noise (at 20MHz BW)
75m Vp-p, typ.
Short circuit protection
1 sec.
Line voltage regulation
±1.2% max. for 1% of Vin
Load voltage regulation
10% typ., (10...100% load)
Temperature coefficient
±0.03%/°C, max.
Input Specifications:
Voltage range
±10%
Filter
Capacitor
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case Temperature
+95°C, max.
Derating
None required
Humidity (non-condensing)
Up to 95%
Cooling
Free-air Convection
Physical Specifications:
Dimensions (Single)
12.70x11.20x6.30mm
Dimensions (Dual)
15.30x11.20x6.30mm
Dimensions (S&D@3000VDC) 15.20x11.20x6.00mm
Weight
1.5g
Case material
UL94-VO Plastic
General Specifications:
Efficiency
68%, typ.
Switching frequency (Single)
100KHz, typ., 100% load
Switching frequency (Dual)
150KHz, typ., 100% load
Continued on next page


Similar Part No. - AMQL-N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMQ20P06-90D ANALOGPOWER-AMQ20P06-90D Datasheet
295Kb / 5P
P-Channel 60-V (D-S) MOSFET
AMQ50P04-12D ANALOGPOWER-AMQ50P04-12D Datasheet
239Kb / 5P
P-Channel 40-V (D-S) MOSFET
logo
BELIMO AIRCONTROLS (USA...
AMQB24-1 BELIMO-AMQB24-1 Datasheet
409Kb / 2P
On/Off, Non-Spring Return, 24 V
AMQB24-MFT BELIMO-AMQB24-MFT Datasheet
695Kb / 2P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
AMQX24-1 BELIMO-AMQX24-1 Datasheet
409Kb / 2P
On/Off, Non-Spring Return, 24 V
More results

Similar Description - AMQL-N

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
logo
Tumbler Technologies + ...
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
TS1-1S0505NH TRUMPOWER-TS1-1S0505NH Datasheet
16Kb / 1P
DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
TSC-1S053.3NH TRUMPOWER-TSC-1S053.3NH Datasheet
15Kb / 1P
DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
logo
Make-Ps
PME-S-Z MAKE-PS-PME-S-Z Datasheet
533Kb / 3P
0.25 Watt | DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
0.25 Watt | DC-DC Converter
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
0.25 Watt | DC-DC Converter
AM1_4LS-NZ AIMTEC-AM1_4LS-NZ Datasheet
240Kb / 4P
0.25 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com