Electronic Components Datasheet Search
  English  ▼

X  

AM1DR Datasheet(PDF) 2 Page - AIMTEC

Part # AM1DR
Description  1 watt dc-dc converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DR Datasheet(HTML) 2 Page - AIMTEC

  AM1DR Datasheet HTML 1Page - AIMTEC AM1DR Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
VISIT US AT WWW.AIMTEC.CA
AM1DR Series
Models
Isolation 1000VDC
Isolation 3000VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM1DR-0503S
AM1DR-0505S
AM1DR-0509S
AM1DR-0512S
AM1DR-0515S
AM1DR-1203S
AM1DR-1205S
AM1DR-1209S
AM1DR-1212S
AM1DR-1215S
AM1DR-2403S
AM1DR-2405S
AM1DR-2409S
AM1DR-2412S
AM1DR-2415S
AM1DR-0503SH30
AM1DR-0505SH30
AM1DR-0509SH30
AM1DR-0512SH30
AM1DR-0515SH30
AM1DR-1203SH30
AM1DR-1205SH30
AM1DR-1209SH30
AM1DR-1212SH30
AM1DR-1215SH30
AM1DR-2403SH30
AM1DR-2405SH30
AM1DR-2409SH30
AM1DR-2412SH30
AM1DR-2415SH30
5V±10%
12V±10%
24V±10%
3.3VDC
5VDC
9VDC
12VDC
15VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
200mA
200mA
111mA
84mA
67mA
200mA
200mA
111mA
84mA
67mA
200mA
200mA
111mA
84mA
67mA
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin
1000VDC
+V Input
-V Input
-V Output
Omitted
+V Output
Omitted
+V Input
-V Input
Omitted
-V Output
Omitted
+V Output
1
2
4
5
6
7
3000VDC
MODELS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com