Electronic Components Datasheet Search
  English  ▼

X  

BAT54LPQ-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT54LPQ-7
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54LPQ-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT54LPQ-7 Datasheet HTML 1Page - Diodes Incorporated BAT54LPQ-7 Datasheet HTML 2Page - Diodes Incorporated BAT54LPQ-7 Datasheet HTML 3Page - Diodes Incorporated BAT54LPQ-7 Datasheet HTML 4Page - Diodes Incorporated BAT54LPQ-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAT54TQ/STQ
Document number: DS40845 Rev. 2 - 2
2 of 5
www.diodes.com
October 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
BAT54TQ/STQ
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current (Note 5)
IFM
200
mA
Repetitive Peak Forward Current
IFRM
300
mA
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
600
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
150
mW
Typical Thermal Resistance, Junction to Ambient (Note 5)
RJA
490
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
30
V
IR = 100µA
Forward Voltage
VF
240
320
400
500
1,000
mV
IF = 0.1mA
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
Reverse Leakage Current (Note 6)
IR
2.0
µA
VR = 25V
Total Capacitance
CT
10
pF
VR = 10V, f = 1.0MHz
Notes:
5. Device mounted on FR-4 substrate PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com