Electronic Components Datasheet Search
  English  ▼

X  

BAT64S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT64S
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT64S Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT64S Datasheet HTML 1Page - Diodes Incorporated BAT64S Datasheet HTML 2Page - Diodes Incorporated BAT64S Datasheet HTML 3Page - Diodes Incorporated BAT64S Datasheet HTML 4Page - Diodes Incorporated BAT64S Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAT64 /A /C /S
Document number: DS38403 Rev. 4 - 2
1 of 5
www.diodes.com
November 2018
© Diodes Incorporated
BAT64 /A /C /S
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Product Summary (@TA = +25°C)
VRRM (V)
IO (mA)
VF_MAX (V) @
100mA
IR_MAX (μA)
40
250
0.75
2
Description
This 250mA surface mount Schottky Barrier Diode is housed in the
SOT23 package. It offers low turn-on voltage, fast switching
capability, and is designed with PN junction guard ring for transient
protection.
Features and Benefits
Low Turn-on Voltage
Fast Switching
PN Junction Guard Ring for Transient Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagrams Below
Weight: 0.008 grams (Approximate)
Top View
BAT64
BAT64A
BAT64C
BAT64S
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
BAT64-7-F
Standard
SOT23
3000/Tape & Reel
BAT64-13-F
Standard
SOT23
10,000/Tape & Reel
BAT64A-7-F
Standard
SOT23
3000/Tape & Reel
BAT64A-13-F
Standard
SOT23
10,000/Tape & Reel
BAT64C-7-F
Standard
SOT23
3000/Tape & Reel
BAT64C-13-F
Standard
SOT23
10,000/Tape & Reel
BAT64S-7-F
Standard
SOT23
3000/Tape & Reel
BAT64S-13-F
Standard
SOT23
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.


Similar Part No. - BAT64S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT64SW DIODES-BAT64SW Datasheet
318Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
BAT64SW-13-F DIODES-BAT64SW-13-F Datasheet
318Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
BAT64SW-7-F DIODES-BAT64SW-7-F Datasheet
318Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
More results

Similar Description - BAT64S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com