Electronic Components Datasheet Search
  English  ▼

X  

BAV116WQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV116WQ
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV116WQ Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV116WQ Datasheet HTML 1Page - Diodes Incorporated BAV116WQ Datasheet HTML 2Page - Diodes Incorporated BAV116WQ Datasheet HTML 3Page - Diodes Incorporated BAV116WQ Datasheet HTML 4Page - Diodes Incorporated BAV116WQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAV116WQ
Document number: DS42774 Rev. 2 - 2
2 of 5
www.diodes.com
April 2021
© Diodes Incorporated
BAV116WQ
Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
130
V
Forward Continuous Current
IFM
215
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0μs
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
130
V
IR = 100µA
Forward Voltage
VF
0.90
1.0
1.1
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 6)
IR
5.0
80
nA
nA
VR = 75V, TJ = +25°C
VR = 75V, TJ = +125°C
Total Capacitance
CT
2.4
5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
tRR
3.0
µs
IF = IR = 10mA,
IRR = 0.1 x IR, RL = 100Ω
Notes:
5. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com