Electronic Components Datasheet Search
  English  ▼

X  

ADAR5000 Datasheet(PDF) 5 Page - Analog Devices

Part # ADAR5000
Description  17 GHz to 32 GHz, 4-Way RF Splitter Combiner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR5000 Datasheet(HTML) 5 Page - Analog Devices

  ADAR5000 Datasheet HTML 1Page - Analog Devices ADAR5000 Datasheet HTML 2Page - Analog Devices ADAR5000 Datasheet HTML 3Page - Analog Devices ADAR5000 Datasheet HTML 4Page - Analog Devices ADAR5000 Datasheet HTML 5Page - Analog Devices ADAR5000 Datasheet HTML 6Page - Analog Devices ADAR5000 Datasheet HTML 7Page - Analog Devices ADAR5000 Datasheet HTML 8Page - Analog Devices ADAR5000 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet
ADAR5000
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 5 of 9
Figure 2. Pin Configuration (Bottom View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, A2, A4, A5, B2, B4,
C1, C5, D2, D4, E1 to E5
GND
Ground. Connect to a low impedance ground plane on the printed circuit board (PCB).
A3
S1
Sum and/or Split. The input port when the device is used as a splitter, and the output port when the devices is used as a
combiner. S1 is AC-coupled in the signal path but has a DC path to ground.
B1
P4
Port 4. The RF output when the device is used as a splitter, and the RF input when the device is used as a combiner. P4 has a
DC path to ground.
B5
P1
Port 1. The RF output when the device is used as a splitter, and the RF input when the device is used as a combiner. P1 has a
DC path to ground.
D5
P2
Port 2. The RF output when the device is used as a splitter, and the RF input when the device is used as a combiner. P2 has a
DC path to ground.
D1
P3
Port 3. The RF output when the device is used as a splitter, and the RF input when the device is used as a combiner. P3 has a
DC path to ground.
INTERFACE SCHEMATICS
Figure 3. S1 Interface Schematic
Figure 4. P1, P2, P3, and P4 Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com