Electronic Components Datasheet Search
  English  ▼

X  

LT8641ARUDCMPBF Datasheet(PDF) 34 Page - Analog Devices

Part # LT8641ARUDCMPBF
Description  65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8641ARUDCMPBF Datasheet(HTML) 34 Page - Analog Devices

Back Button LT8641ARUDCMPBF Datasheet HTML 27Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 28Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 29Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 30Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 31Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 32Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 33Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 34Page - Analog Devices LT8641ARUDCMPBF Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Data Sheet
LT8641A
analog.com
Rev 0
34 of 35
ORDERING GUIDE
Table 5. Ordering Guide
LEAD FREE FINISH
TAPE AND REEL
PART
MARKING*
PACKAGE DESCRIPTION
TEMPERATURE
RANGE
LT8641ARUDCM#PBF
LT8641ARUDCM#TRPBF
LHTC
18-Lead (3mm × 4mm)
Plastic QFN
–40°C to 150°C
AUTOMOTIVE PRODUCTS**
LT8641ARUDCM#WPBF LT8641ARUDCM#WTRPBF
LHTC
18-Lead (3mm × 4mm)
Plastic QFN
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified
by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with
#TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements
of automotive applications. These models are designated with a #W suffix. Only the automotive grade products
shown are available for use in automotive applications. Contact your local Analog Devices account representative
for specific product ordering information and to obtain the specific Automotive Reliability reports for these models.
RELATED PARTS
Table 6. Related Parts
PART
DESCRIPTION
COMMENTS
LT8641
65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent
Current
VIN(MIN)= 3V, VIN(MAX)= 65V, VOUT(MIN)= 0.8V, IQ= 2.5μA, ISD < 1μA,
3mm × 4mm QFN-18
LT8640A 42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5μA
Quiescent Current
VIN(MIN)=3.4V,VIN(MAX)=42V,VOUT(MIN)=0.97V, IQ=2.5μA, ISD <
1μA, 3mm × 4mm QFN-18
LT8645S/
LT8646S
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent
Current
VIN(MIN)=3.4V,VIN(MAX)=65V,VOUT(MIN)=0.97V, IQ=2.5μA, ISD <
1μA, 6mm × 4mm LQFN-32
LT8618
High Efficiency 65V/100mA Synchronous Bucks
VIN(MIN)=3.4V,VIN(MAX)=65V,VOUT(MIN)=0.778V, IQ=2.5μA, ISD =
1μA, 2mm × 2mm LQFN-12, 3mm × 2mm DFN-10
LT8620
65V, 2A, 94% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN)=3.4V,VIN(MAX)=65V,VOUT(MIN)=0.97V,IQ =2.5μA, ISD <
1μA, MSOP-16E, 3mm × 5mm QFN-24
LT8608/
LT8608B
42V, 1.5A Synchronous Step-Down Regulator with 2.5μA Quiescent
Current
VIN(MIN)=3.2V,VIN(MAX)=42V,VOUT(MIN)=0.778V, IQ=2.5μA, ISD =
1μA, MSOP-10E, 2mm × 2mm DFN-8
LT8609/
LT8609A
42V, 3A, 94% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN(MIN)= 3V, VIN(MAX)= 42V, VOUT(MIN)= 0.8V, IQ = 2.5μA, ISD < 1μA,
MSOP-10E, 3mm x 3mm DFN-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com