Electronic Components Datasheet Search
  English  ▼

X  

AD7381 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7381
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7381 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7381 Datasheet HTML 2Page - Analog Devices AD7381 Datasheet HTML 3Page - Analog Devices AD7381 Datasheet HTML 4Page - Analog Devices AD7381 Datasheet HTML 5Page - Analog Devices AD7381 Datasheet HTML 6Page - Analog Devices AD7381 Datasheet HTML 7Page - Analog Devices AD7381 Datasheet HTML 8Page - Analog Devices AD7381 Datasheet HTML 9Page - Analog Devices AD7381 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 33
Table 4. All Devices (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Normal Mode (Static)
155
400
nA
Normal Mode (Operational)
7.6
8.9
mA
Shutdown Mode
155
400
nA
Power Dissipation
PVCC
Normal Mode (Static)
9.3
11.5
mW
Shutdown Mode
375
720
µW
VLOGIC Power (PVLOGIC)
Analog inputs at positive full scale
Normal Mode (Static)
0.55
1.4
µW
Normal Mode (Operational)
27.3
31.8
mW
Shutdown Mode
0.55
1.4
µW
TIMING SPECIFICATIONS
VCC = 3.0 V to 3.6 V, VLOGIC = 1.65 V to 3.6 V, VREF = 2.5 V, and TA = −40°C to +125°C, unless otherwise noted. When referencing a single
function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed, such as ALERT.
For full pin names of multifunction pins, refer to the Pin Configuration and Function Descriptions section.
Table 5. Timing Specifications
Parameter
Min
Typ
Max
Unit
Description
tCYC
250
ns
Time between conversions
tSCLKED
5
ns
CS falling edge to first SCLK falling edge
tSCLK
12.5
ns
SCLK period
tSCLKH
5.5
ns
SCLK high time
tSCLKL
5.5
ns
SCLK low time
tCSH
20
ns
CS pulse width
tQUIET
20
ns
Interface quiet time prior to conversion
tSDOEN
5.5
ns
CS low to SDOA and SDOB enabled
tSDOH
3
ns
SCLK rising edge to SDOA and SDOB hold time
tSDOS
5
ns
SCLK rising edge to SDOA and SDOB setup time
tSDOT
8
ns
CS rising edge to SDOA and SDOB high impedance
tSDIS
4
ns
SDI setup time prior to SCLK falling edge
tSDIH
4
ns
SDI hold time after SCLK falling edge
tSCLKCS
0
ns
SCLK rising edge to CS rising edge
tCONVERT
190
ns
Conversion time
tACQUIRE
110
ns
Acquire time
tRESET
250
ns
Valid time to start conversion after soft reset
800
ns
Valid time to start conversion after hard reset
tPOWERUP
Supply active to conversion
5
ms
First conversion allowed
11
ms
Settled to within 1% with internal reference
5
Settled to within 1% with external reference
tREGWRITE
5
ms
Supply active to register read write access allowed
tSTARTUP
Exiting shutdown mode to conversion
10
µs
Settled to within 1% with external reference
tCONVERT0
6
8
10
ns
Conversion time for first sample in OS normal mode
tCONVERTx
Conversion time for xth sample in OS normal mode, 4 MSPS,
16-bit devices
tCONVERT0 + (320 × (x – 1))
ns
For AD7383-4
tCONVERT0 + (250 × (x – 1))
ns
For AD7384-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com