Electronic Components Datasheet Search
  English  ▼

X  

ADR421 Datasheet(PDF) 19 Page - Analog Devices

Part # ADR421
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR421 Datasheet HTML 15Page - Analog Devices ADR421 Datasheet HTML 16Page - Analog Devices ADR421 Datasheet HTML 17Page - Analog Devices ADR421 Datasheet HTML 18Page - Analog Devices ADR421 Datasheet HTML 19Page - Analog Devices ADR421 Datasheet HTML 20Page - Analog Devices ADR421 Datasheet HTML 21Page - Analog Devices ADR421 Datasheet HTML 22Page - Analog Devices ADR421 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
THEORY OF OPERATION
analog.com
Rev. A | 19 of 26
The ADR3625\ADR3630\ADR3650 incorporate a proprietary,
low-noise design and advanced, curvature correction tech-
nology. Combined with micropower design techniques, the
ADR3625\ADR3630\ADR3650 have unmatched performance.
The circuit shown in Figure 60 shows the
ADR3625\ADR3630\ADR3650 simplified schematic.
Figure 60. Simplified Schematic
POWER DISSIPATION
While the ADR3625\ADR3630\ADR3650 are a micropower voltage
reference, these devices are capable of sourcing 50 mA and sink-
ing current up to 10 mA of load current at room temperature across
the rated input voltage range. However, when used in applications
subject to high ambient temperatures, the input voltage and load
current must be monitored carefully to ensure that the devices do
not exceed their maximum allowable power dissipation. To calculate
the maximum allowable power dissipation of these devices, use the
following equation:
PD=TJ−TAθJA
where:
PD is the power dissipation of the devices.
TJ is the junction temperature of the devices.
TA is the ambient temperature of the devices.
The ADR3625\ADR3630\ADR3650 have a thermal resistance of
132.5°C/W for the 8-lead MSOP. A curve that illustrates the allowed
power dissipation vs. temperature for the MSOP is shown in Figure
61. The power dissipation of the ADR3625 as a function of the
input voltage is shown in Figure 62. The top curve shows power
dissipation with a 50 mA load, and the bottom curve shows power
dissipation with no load. When operated within its specified limits
of VIN = 16 V and sourcing is 50 mA, the ADR3625 consumes
about 800 mW at room temperature. The power derating curve in
Figure 61 shows that the ADR3625\ADR3630\ADR3650 can only
safely dissipate 120 mW at 125°C, which is less than its maximum
power output. Care must be taken when designing the circuit so
that the maximum junction temperature is not exceeded. For best
performance, keep the junction temperature less than 150°C.
The ADR3625\ADR3630\ADR3650 includes output current-limit cir-
cuitry, as well as thermal limit circuitry, to protect the reference
from damage in the event of excessive power dissipation. The
ADR3625\ADR3630\ADR3650 is protected from damage by a ther-
mal shutdown circuit. However, changes in performance can occur
as a result of operating at above the maximum rating.
Figure 61. Maximum Allowed Power Dissipation
Figure 62. ADR3625 Typical Power Dissipation
INTERNAL PROTECTION
The ADR3625\ADR3630\ADR3650 have two internal protection
circuits for monitoring the output current and internal junction tem-
perature.
The ADR3625\ADR3630\ADR3650 have a current-limit circuit that
limits the output source current in the event of a short circuit from
the VOUT FORCE pin to ground. The limit is set to 90 mA (typical)
and does not vary much over temperature or input voltage.
An overtemperature shutdown circuit disables the output source
current when the internal junction temperature reaches 178°C.
There is 3°C of hysteresis. Once the junction temperature reduces
to less than the hysteresis, the output drive circuit re-enables. Deg-
radation can occur or reliability can be affected when the junction
temperature of the devices exceeds 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com