Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8608
Description  65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8608 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8608 Datasheet HTML 5Page - Analog Devices LT8608 Datasheet HTML 6Page - Analog Devices LT8608 Datasheet HTML 7Page - Analog Devices LT8608 Datasheet HTML 8Page - Analog Devices LT8608 Datasheet HTML 9Page - Analog Devices LT8608 Datasheet HTML 10Page - Analog Devices LT8608 Datasheet HTML 11Page - Analog Devices LT8608 Datasheet HTML 12Page - Analog Devices LT8608 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Data Sheet
LT8641A
analog.com
Rev 0
9 of 35
19
PG
The PG pin is the open-drain output of an internal comparator. PG remains low until
the FB pin is within ±8% of the final regulation voltage, and there are no fault
conditions. PG is valid when VIN is above 3V, regardless of EN/UV pin state.
20
FB
The LT8641A regulates the FB pin to 0.81V. Connect the feedback resistor divider tap to
this pin. Also, connect a phase lead capacitor between FB and VOUT. Typically, this
capacitor is 4.7pF to 22pF.
Exposed
Pad Pin
21
SW
Connect and solder the exposed pads to the SW trace for good thermal performance. If
necessary, due to manufacturing limitations, pins 21 and 22 may be left disconnected.
However, thermal performance is degraded.
Corner Pins
These pins are for mechanical support only and can be tied anywhere on the PCB,
typically ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com