Electronic Components Datasheet Search
  English  ▼

X  

ADR3625ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADR3625ARMZ
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3625ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR3625ARMZ Datasheet HTML 3Page - Analog Devices ADR3625ARMZ Datasheet HTML 4Page - Analog Devices ADR3625ARMZ Datasheet HTML 5Page - Analog Devices ADR3625ARMZ Datasheet HTML 6Page - Analog Devices ADR3625ARMZ Datasheet HTML 7Page - Analog Devices ADR3625ARMZ Datasheet HTML 8Page - Analog Devices ADR3625ARMZ Datasheet HTML 9Page - Analog Devices ADR3625ARMZ Datasheet HTML 10Page - Analog Devices ADR3625ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 7 of 26
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
ENABLE
Enable Connection. The ENABLE pin enables or disables the device.
2
VIN
Input Voltage Connection.
3
GND FORCE
GND Connection.
4
GND SENSE
GND Sensing Connection. Connect GND SENSE directly to the GND connection of the load device.
5
GND
Connect to GND FORCE.
6
VOUT FORCE
Reference Voltage Output.
7
VOUT SENSE
Reference Voltage Output Sensing Connection. Connect VOUT SENSE directly to the voltage input of the load device.
8
GND
Connect to GND FORCE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com