Electronic Components Datasheet Search
  English  ▼

X  

DCXU Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DCXU
Description  COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCXU Datasheet(HTML) 1 Page - Diodes Incorporated

  DCXU Datasheet HTML 1Page - Diodes Incorporated DCXU Datasheet HTML 2Page - Diodes Incorporated DCXU Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30347 Rev. 1 - 1
1 of 3
DCX (xxxx) U
·
Epitaxial Planar Die Construction
·
Built-In Biasing Resistors
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (1)
VCC
50
V
Input Voltage, (2) to (1)
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143TU
DCX114TU
VIN
-10 to +40
-10 to +40
-6 to +40
-5 to +12
-10 to +40
-5 Vmax
-5 Vmax
V
Output Current
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143TU
DCX114TU
IO
30
30
70
100
50
100
100
mA
Output Current
All
IC (Max)
100
mA
Power Dissipation
Pd
200
mW
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings NPN Section @ TA = 25°C unless otherwise specified
A
M
J
L
F
D
B C
H
K
CXX YM
Mechanical Data
·
Case: SOT-363, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Weight: 0.006 grams (approx.)
P/N
R1
R2
MARKING
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143TU
DCX114TU
22K
47K
10K
2.2K
10K
4.7K
10K
22K
47K
47K
47K
10K
-
-
C17
C20
C14
C06
C13
C07
C12
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.80
2.20
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
All Dimensions in mm
R1
R1
R2
R2
R1
R1
R1, R2
R1 Only
SCHEMATIC DIAGRAM
DCX (xxxx) U
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL
SOT-363 DUAL SURFACE MOUNT TRANSISTOR
UNDER DEVELOPMENT


Similar Part No. - DCXU

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DCX-350 SLPOWER-DCX-350 Datasheet
90Kb / 2P
250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
DCX-353-0512 SLPOWER-DCX-353-0512 Datasheet
90Kb / 2P
250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
DCX-354-1205 SLPOWER-DCX-354-1205 Datasheet
90Kb / 2P
250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
logo
Diodes Incorporated
DCX100NS DIODES-DCX100NS Datasheet
1Mb / 7P
100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30761 Rev. 4 - 2
DCX100NS DIODES-DCX100NS Datasheet
330Kb / 7P
100mA DUAL PRE-BIASED TRANSISTORS
DS30761 Rev. 6 - 2
More results

Similar Description - DCXU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX124EU DIODES-DCX124EU Datasheet
120Kb / 8P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DDC124EU DIODES-DDC124EU Datasheet
100Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 3 - 2
DCX122LU DIODES-DCX122LU Datasheet
81Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 3 - 2
DDAXXXXU DIODES-DDAXXXXU Datasheet
67Kb / 2P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 1 - 1
DDCXXXXU DIODES-DDCXXXXU Datasheet
67Kb / 2P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 1 - 1
DDC124EU DIODES-DDC124EU_1 Datasheet
106Kb / 6P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 7 - 2
DDA124EU DIODES-DDA124EU_1 Datasheet
102Kb / 6P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 7 - 2
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DDA122LU DIODES-DDA122LU Datasheet
77Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30423 Rev. 4 - 2
DDC122LU DIODES-DDC122LU Datasheet
68Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30424 Rev. 4 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com