Electronic Components Datasheet Search
  English  ▼

X  

MAX25263 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX25263
Description  Automotive, 65V 2A/3A Mini Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX25263 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX25263 Datasheet HTML 9Page - Analog Devices MAX25263 Datasheet HTML 10Page - Analog Devices MAX25263 Datasheet HTML 11Page - Analog Devices MAX25263 Datasheet HTML 12Page - Analog Devices MAX25263 Datasheet HTML 13Page - Analog Devices MAX25263 Datasheet HTML 14Page - Analog Devices MAX25263 Datasheet HTML 15Page - Analog Devices MAX25263 Datasheet HTML 16Page - Analog Devices MAX25263 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MAX25262/MAX25263
Automotive, 65V 2A/3A Mini Buck Converter
www.analog.com
Analog Devices | 13
The internal spread spectrum is disabled if the devices are synchronized to an external clock. However, the devices do
not filter the input clock on the SYNC pin and pass any modulation (including spread spectrum) present on the driving
external clock.
SYNC Mode Selection
To enable the skip mode, drive the SYNC low. In skip mode, the high-side FET turns for a fixed adaptable on-time
(depending on VOUT, VSUP, and FSW). The high-side FET then turns off and the low-side FET turns on until the inductor
current falls to zero cross threshold. Once the low-side FET turns off by hitting the zero-crossing threshold, LX becomes
high impedance, and the output voltage keeps decreasing. When the output voltage or FB voltage is detected below the
set point, the new cycle starts by turning on the high-side FET again. In this way, the regulator switches only as needed
to service load to improve system efficiency.
To enable the forced PWM (FPWM) mode, drive the SYNC high. The FPWM mode prevents the regulator from entering
skip mode by disabling the zero-cross detection of the inductor current. The benefit of the FPWM mode is to keep the
switching frequency constant under all load conditions. However, the FPWM operation diverts a considerable amount of
the output current to PGND, reducing the efficiency under light-load conditions. The FPWM mode is useful to improve the
load-transient response and eliminate unknown frequency harmonics that can interfere with AM radio bands.
Over Current Protection
The MAX25262/MAX25263 have a cycle-by-cycle current limit and include a hiccup mode to prevent any damage from
overcurrent or short-circuit on the power channel. When the inductor current continuously hits the current limit at over
current, the output voltage starts decreasing. If the IC detects the output voltage drops below 70% of the programmed
regulation value, it turns off that channel. After waiting for about 10ms of hiccup time, the IC restarts that channel in case
overcurrent or short-circuit condition is removed.
Soft-Start
When the IC is enabled, the soft-start circuitry gradually ramps up the reference voltage during soft-start time to reduce
the input surge current during startup. Before the soft-start can be enabled, the BIAS voltage must exceed its UVLO
threshold (3.1V typ).
For the parts using an external divider or fixed internal output parts that have an output voltage higher or equal to 5V, the
2.1Mhz parts have a 2.75ms ramp time, and the 400kHz parts have a 3.6ms ramp time.
For fixed output parts that have an output voltage lower than 5V, the soft-start ramp time can be calculated as follows:
������������������−������������������������ =
������������������������
5
× 2.75 ������������������ 2.1������ℎ������
������������������−������������������������ =
������������������������
5
× 3.6 ������������������ 400������ℎ������
Internal Gate Driver Supply
The gate drive for internal MOSFETs is driven by the internal BIAS voltage. In case the EXTVCC is not supplied externally
with a power supply in the given range, the IC uses an internal LDO at 5V for the MOSFET gate drive. In case of an
appropriate voltage on the EXTVCC, the internal LDO is turned OFF and the gate drive voltage is equal to the voltage at
the EXTVCC.
The MOSFET RdsON and gate capacitance charge depend heavily on the gate drive voltage. Thus, the efficiency and
thermal performance of the IC depend on the voltage provided on the EXTVCC. An external +5V supply on the EXTVCC
is recommended as that saves power dissipation in the internal LDO and enhances the MOSFETs for low RdsON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com