Electronic Components Datasheet Search
  English  ▼

X  

AM1P Datasheet(PDF) 2 Page - AIMTEC

Part # AM1P
Description  1 watt dc-dc converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1P Datasheet(HTML) 2 Page - AIMTEC

  AM1P Datasheet HTML 1Page - AIMTEC AM1P Datasheet HTML 2Page - AIMTEC AM1P Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Single output
AM1P Series
Models
Isolation 1000VDC
Isolation 3000VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM1P-0503S
AM1P-0505S
AM1P-0507S
AM1P-0509S
AM1P-0512S
AM1P-0515S
AM1P-0518S
AM1P-0524S
AM1P-1203S
AM1P-1205S
AM1P-1207S
AM1P-1209S
AM1P-1212S
AM1P-1215S
AM1P-1218S
AM1P-1224S
AM1P-2403S
AM1P-2405S
AM1P-2407S
AM1P-2409S
AM1P-2412S
AM1P-2415S
AM1P-2418S
AM1P-2424S
AM1P-0503SH30
AM1P-0505SH30
AM1P-0507SH30
AM1P-0509SH30
AM1P-0512SH30
AM1P-0515SH30
AM1P-0518SH30
AM1P-0524SH30
AM1P-1203SH30
AM1P-1205SH30
AM1P-1207SH30
AM1P-1209SH30
AM1P-1212SH30
AM1P-1215SH30
AM1P-1218SH30
AM1P-1224SH30
AM1P-2403SH30
AM1P-2405SH30
AM1P-2407SH30
AM1P-2409SH30
AM1P-2412SH30
AM1P-2415SH30
AM1P-2418SH30
AM1P-2424SH30
5V±10%
12V±10%
24V±10%
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
300mA
200mA
140mA
110mA
83mA
67mA
56mA
42mA
300mA
200mA
140mA
110mA
83mA
67mA
56mA
42mA
300mA
200mA
140mA
110mA
83mA
67mA
56mA
42mA
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM1P-0503D
AM1P-0505D
AM1P-0507D
AM1P-0509D
AM1P-0512D
AM1P-0515D
AM1P-0518D
AM1P-0524D
AM1P-1203D
AM1P-1205D
AM1P-1207D
AM1P-1209D
AM1P-1212D
AM1P-1215D
AM1P-1218D
AM1P-1224D
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±150mA
±100mA
±70mA
±55mA
±42mA
±34mA
±28mA
±21mA
±150mA
±100mA
±70mA
±55mA
±42mA
±34mA
±28mA
±21mA
5V±10%
12V±10%
Dual output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com