Electronic Components Datasheet Search
  English  ▼

X  

AM1S Datasheet(PDF) 2 Page - AIMTEC

Part # AM1S
Description  1 watt dc-dc converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1S Datasheet(HTML) 2 Page - AIMTEC

  AM1S Datasheet HTML 1Page - AIMTEC AM1S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Single output
Models
Isolation 1000VDC
Isolation 3000VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM1S Series
AM1S-0503S
AM1S-0505S
AM1S-0507S
AM1S-0509S
AM1S-0512S
AM1S-0515S
AM1S-0518S
AM1S-0524S
AM1S-1203S
AM1S-1205S
AM1S-1207S
AM1S-1209S
AM1S-1212S
AM1S-1215S
AM1S-1218S
AM1S-1224S
AM1S-2403S
AM1S-2405S
AM1S-2407S
AM1S-2409S
AM1S-2412S
AM1S-2415S
AM1S-2418S
AM1S-2424S
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
300mA
200mA
140mA
110mA
83mA
67mA
56mA
42mA
300mA
200mA
140mA
110mA
83mA
67mA
56mA
42mA
300mA
200mA
140mA
110mA
83mA
67mA
56mA
42mA
AM1S-0503SH30
AM1S-0505SH30
AM1S-0507SH30
AM1S-0509SH30
AM1S-0512SH30
AM1S-0515SH30
AM1S-0518SH30
AM1S-0524SH30
AM1S-1203SH30
AM1S-1205SH30
AM1S-1207SH30
AM1S-1209SH30
AM1S-1212SH30
AM1S-1215SH30
AM1S-1218SH30
AM1S-1224SH30
AM1S-2403SH30
AM1S-2405SH30
AM1S-2407SH30
AM1S-2409SH30
AM1S-2412SH30
AM1S-2415SH30
AM1S-2418SH30
AM1S-2424SH30
5V±10%
12V±10%
24V±10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com