Electronic Components Datasheet Search
  English  ▼

X  

HSMS-270C Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMS-270C
Description  High Performance Schottky Diode for Transient Suppression
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-270C Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMS-270C Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-270C Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-270C Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-270C Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-270C Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-270C Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-270C Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-270C Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance
Figure 2. Forward Current vs.
Forward Voltage at Temperature for
HSMS-270B and HSMS-270C.
0
0.1
0.3
0.2
0.5
0.4
0.6
VF – FORWARD VOLTAGE (V)
Figure 1. Forward Current vs.
Forward Voltage at Temperature for
HSMS-2700 and HSMS-2702.
0.01
10
100
1
0.1
300
T
A = +75°C
T
A = +25°C
T
A = –25°C
Figure 3. Junction Temperature vs.
Forward Current as a Function of
Heat Sink Temperature for the
HSMS-2700 and HSMS-2702.
Note: Data is calculated from SPICE
parameters.
Figure 5. Total Capacitance vs.
Reverse Voltage.
0
5
10
20
VF – REVERSE VOLTAGE (V)
15
1
3
2
7
4
6
5
T
A = +75°C
T
A = +25°C
T
A = –25°C
0
50
150
100
300
250
200
350
IF – FORWARD CURRENT (mA)
0
140
120
100
80
60
40
20
160 Max. safe junction temp.
Figure 4. Junction Temperature vs.
Current as a Function of Heat Sink
Temperature for HSMS-270B and
HSMS-270C.
Note: Data is calculated from SPICE
parameters.
T
A = +75°C
T
A = +25°C
T
A = –25°C
0
150
450
300
600
750
IF – FORWARD CURRENT (mA)
0
140
120
100
80
60
40
20
160 Max. safe junction temp.
0
0.1
0.3
0.2
0.5
0.4
0.8
0.7
0.6
VF – FORWARD VOLTAGE (V)
0.01
10
100
1
0.1
500
T
A = +75°C
T
A = +25°C
T
A = –25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com