Electronic Components Datasheet Search
  English  ▼

X  

KMR Datasheet(PDF) 2 Page - ITT Industries

Part # KMR
Description  Microminiature Tact Switch for SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KMR Datasheet(HTML) 2 Page - ITT Industries

  KMR Datasheet HTML 1Page - ITT Industries KMR Datasheet HTML 2Page - ITT Industries KMR Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-6
B
SERIES
ACTUATION FORCE
ACTUATOR
CONTACT MATERIAL
TERMINATION
OPTION
CODE
MATERIAL
1
SILVER
3
GOLD
OPTION
CODE
FORCE
1
1 N (100 grams)
2
2 N (200 grams)
3
3 N (300 grams)
4
4 N (400 grams)
2 STANDARD 1,9 mm
G GULLWING
KMR Series
Microminiature Tact Switch for SMT
4,1
(.161)
4,6
(.181)
2,22
(.087)
KMR
3,2
(.126)
1,7
(.066)
5
(.197)
1
2
5
3
4
GROUND TERMINAL
FOR EMC PROTECTION
PAD LAYOUT
2,22
(.087)
4,6
(.181)
First Angle
Projection
KMR211G



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com