Electronic Components Datasheet Search
  English  ▼

X  

LT1784 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1784
Description  2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1784 Datasheet(HTML) 4 Page - Linear Technology

  LT1784 Datasheet HTML 1Page - Linear Technology LT1784 Datasheet HTML 2Page - Linear Technology LT1784 Datasheet HTML 3Page - Linear Technology LT1784 Datasheet HTML 4Page - Linear Technology LT1784 Datasheet HTML 5Page - Linear Technology LT1784 Datasheet HTML 6Page - Linear Technology LT1784 Datasheet HTML 7Page - Linear Technology LT1784 Datasheet HTML 8Page - Linear Technology LT1784 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1784
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = ±5V, VCM = 0V,VOUT = 0V, for the 6-lead part VPIN5 = V–, pulse power tested unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
1.6
3.75
mV
0
°C ≤ TA ≤ 70°C
q
4.50
mV
–40
°C ≤ TA ≤ 85°C
q
4.80
mV
∆VOS/∆T Input Offset Voltage Drift (Note 7)
–40
°C ≤ TA ≤ 85°C
q
515
µV/°C
IOS
Input Offset Current
q
25
50
nA
IB
Input Bias Current
q
250
500
nA
∆IB/∆T
Input Bias Current Drift
0
°C ≤ TA ≤ 70°C
q
0.4
nA/
°C
Input Noise Voltage
0.1Hz to 10Hz
1.5
µVP-P
en
Input Noise Voltage Density
f = 1kHz
25
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.3
pA/
√Hz
RIN
Input Resistance
Differential
q
100
200
k
Ω
Common Mode, VCM = –5V to 13V
q
45
80
k
Ω
CIN
Input Capacitance
5pF
VCM
Input Voltage Range
q
–5
13
V
CMRR
Common Mode Rejection Ratio
VCM = –5V to 13V
q
60
70
dB
AVOL
Large-Signal Voltage Gain
VO = ±4V, RL= 10k
50
100
V/mV
0
°C ≤ TA ≤ 70°C
q
35
V/mV
VOL
Output Voltage Swing LOW
No Load
q
– 4.996
– 4.99
V
ISINK = 5mA
q
– 4.800
– 4.60
V
ISINK = 10mA
q
– 4.650
– 4.40
V
VOH
Output Voltage Swing HIGH
No Load
q
4.885
4.92
V
ISOURCE = 5mA
q
4.550
4.75
V
ISOURCE = 10mA
q
4.400
4.65
V
ISC
Short-Circuit Current (Note 2)
Short to GND
15
27
mA
0
°C ≤ TA ≤ 70°C
q
10
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±9V
q
90
100
dB
IS
Supply Current
540
800
µA
q
975
µA
Supply Current, Shutdown
VPIN5 = –3V, VS = ±5V, No Load (Note 8)
q
820
µA
ISHDN
SHDN Pin Current
VPIN5 = –4.7V (On), VS = ±5V, No load (Note 8)
q
0.5
nA
VPIN5 = –3V (Shutdown), VS = ±5V, No Load (Note 8)
q
2.0
8
µA
Maximum SHDN Pin Current
VPIN5 = 9V, VS = ±9V (Note 8)
q
10
30
µA
Output Leakage Current, Shutdown
VPIN5 = –7V, VS = ±9V, No Load (Note 8)
q
0.05
1
µA
VIL
SHDN Pin Input Low Voltage
VS = ±5V (Note 8)
q
– 4.7
V
VIH
SHDN Pin Input High Voltage
VS = ±5V (Note 8)
q
–3
V
tON
Turn-On Time
VPIN5 = 0V to –5V, RL = 10k (Note 8)
q
18
µs
tOFF
Turn-Off Time
VPIN5 = –5V to 0V, RL = 10k (Note 8)
q
2.2
µs
GBW
Gain Bandwidth Product
f = 5kHz
1.55
2.6
MHz
0
°C ≤ TA ≤ 70°C
q
1.30
MHz
–40
°C ≤ TA ≤ 85°C
q
1.20
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com