Electronic Components Datasheet Search
  English  ▼

X  

BCM846BS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BCM846BS
Description  65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCM846BS Datasheet(HTML) 2 Page - Diodes Incorporated

  BCM846BS Datasheet HTML 1Page - Diodes Incorporated BCM846BS Datasheet HTML 2Page - Diodes Incorporated BCM846BS Datasheet HTML 3Page - Diodes Incorporated BCM846BS Datasheet HTML 4Page - Diodes Incorporated BCM846BS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCM846BS
Document number: DS41262 Rev. 1 - 2
2 of 5
www.diodes.com
September 2018
© Diodes Incorporated
BCM846BS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
65
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
200
mW
Thermal Resistance, Junction to Ambient (Note 6)
RJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 6)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge
– Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge
– Machine Model
ESD MM
400
V
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic (Note 7)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
80
—
—
V
IC = 100µA, IB = 0
Collector-Emitter Breakdown Voltage
BVCEO
65
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
6
—
—
V
IE = 100µA, IC = 0
DC Current Gain
hFE
200
—
450
—
VCE = 5V, IC = 2mA
DC Current Gain Matching
hFE1/hFE2
0.9
1
1.1
—
VCE = 5V, IC = 2mA
Collector-Emitter Saturation Voltage
VCE(SAT)
—
—
100
400
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5mA
Base-Emitter Saturation Voltage
VBE(SAT)
—
755
—
mV
IC = 10mA, IB = 0.5mA
—
905
—
mV
IC = 100mA, IB = 5mA
Base-Emitter Voltage
VBE(ON)
610
665
710
mV
VCE = 5V, IC = 2mA
Base-Emitter Voltage Matching
VBE1(ON) -
VBE2(ON)
-2
—
2
mV
VCE = 5V, IC = 2mA
Collector-Cutoff Current
ICBO
—
—
—
—
15
5
nA
µA
VCB = 40V
VCB = 40V, TA = +125°C
Emitter-Cutoff Current
IEBO
—
—
20
nA
VEB = 5V, IC = 0
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = 5V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—
2
3
pF
VCB = 10V, f = 1MHz
Emitter-Base Capacitance
CEBO
—
11
—
pF
VEB = 0.5V, f = 1MHz
Notes:
5. For a device mounted with the collector lead on minimum recommended pad layout 1oz copper that is on a single-sided 1.6mm FR-4 PCB; device is
measured under still air conditions whilst operating in a steady-state.
6. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com