Electronic Components Datasheet Search
  English  ▼

X  

BCP5416Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BCP5416Q
Description  NPN MEDIUM POWER TRANSISTORS IN SOT223
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP5416Q Datasheet(HTML) 3 Page - Diodes Incorporated

  BCP5416Q Datasheet HTML 1Page - Diodes Incorporated BCP5416Q Datasheet HTML 2Page - Diodes Incorporated BCP5416Q Datasheet HTML 3Page - Diodes Incorporated BCP5416Q Datasheet HTML 4Page - Diodes Incorporated BCP5416Q Datasheet HTML 5Page - Diodes Incorporated BCP5416Q Datasheet HTML 6Page - Diodes Incorporated BCP5416Q Datasheet HTML 7Page - Diodes Incorporated BCP5416Q Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCP5416Q / BCP5616Q
Datasheet Number: DS36981 Rev. 5 - 2
3 of 8
www.diodes.com
August 2021
© Diodes Incorporated
BCP5416Q / BCP5616Q
Thermal Characteristics and Derating Information
100µ 1m 10m 100m 1
10
100
1k
0
20
40
60
80
100
120
140
160
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
50mm x50mm
1oz Cu
DeratingCurve
Temperature (°C)
100µ 1m 10m 100m 1
10
100
1k
0
10
20
30
40
50
60
50mm x50mm 1oz Cu
Tamb= 25°C
Pulse Power Dissipation
Pulse Width (s)
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
50mm x50mm 1oz Cu
Tamb= 25°C
Singlepulse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com