Electronic Components Datasheet Search
  English  ▼

X  

LT1784CS6 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1784CS6
Description  2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1784CS6 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1784CS6 Datasheet HTML 3Page - Linear Technology LT1784CS6 Datasheet HTML 4Page - Linear Technology LT1784CS6 Datasheet HTML 5Page - Linear Technology LT1784CS6 Datasheet HTML 6Page - Linear Technology LT1784CS6 Datasheet HTML 7Page - Linear Technology LT1784CS6 Datasheet HTML 8Page - Linear Technology LT1784CS6 Datasheet HTML 9Page - Linear Technology LT1784CS6 Datasheet HTML 10Page - Linear Technology LT1784CS6 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1784
Gain Bandwidth Product vs
Temperature
Slew Rate vs Temperature
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Load Resistance
Output Impedance vs Frequency
Disabled Output Impedance vs
Frequency
Settling Time to 0.1% vs Output
Step
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
2.8
2.7
2.6
2.5
2.4
2.3
2.2
25
75
1784 G13
–25
0
50
100
125
VS = ±2.5V
f = 5kHz
TEMPERATURE (
°C)
–50
3.0
2.5
2.0
1.5
25
75
1784 G14
–25
0
50
100
125
RISING
FALLING
VS = ±5V
TOTAL SUPPLY VOLTAGE (V)
0
4
8
10
18
1784 G15
26
12
14
16
2.7
2.6
2.5
2.4
AV = –1
RF = RG = 10k
f = 5kHz
PHASE MARGIN
GAIN BANDWIDTH
PRODUCT
65
60
55
LOAD RESISTANCE (
Ω)
1k
2.6
2.4
2.2
2.0
10k
100k
1784 G16
VS = ±2.5V
AV = –1
RF = RG = 10k
f = 5kHz
65
60
55
PHASE MARGIN
GAIN BANDWIDTH
PRODUCT
FREQUENCY (Hz)
1k
90
80
70
60
50
40
30
20
10
0
–10
10k
100k
1M
1784 G17
POSITIVE SUPPLY
NEGATIVE SUPPLY
VS = ±2.5V
FREQUENCY (Hz)
10k
120
110
100
90
80
70
60
50
40
30
20
100k
1M
1784 G18
VS = ±2.5V
FREQUENCY (Hz)
1k
10k
100k
1M
100
10k
100k
1784 G20
100
1k
1M
VS = ±2.5V
VPIN 5 = 2.5V
PSRR vs Frequency
CMRR vs Frequency
FREQUENCY (Hz)
100
10k
100k
1M
1784 G19
1k
1k
100
10
1
0.1
0.01
AV = 100
AV = 10
AV = 1
VS = ±2.5V
SETTLING TIME (
µs)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
2
4
5
1784 G21
13
6
7
8
VS = ±5V
AV = –1
AV = –1
AV = 1
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com