Electronic Components Datasheet Search
  English  ▼

X  

BCV47Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BCV47Q
Description  60V NPN DARLINGTON TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCV47Q Datasheet(HTML) 3 Page - Diodes Incorporated

  BCV47Q Datasheet HTML 1Page - Diodes Incorporated BCV47Q Datasheet HTML 2Page - Diodes Incorporated BCV47Q Datasheet HTML 3Page - Diodes Incorporated BCV47Q Datasheet HTML 4Page - Diodes Incorporated BCV47Q Datasheet HTML 5Page - Diodes Incorporated BCV47Q Datasheet HTML 6Page - Diodes Incorporated BCV47Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BCV47Q
Document number: DS39807 Rev. 1 - 2
3 of 7
www.diodes.com
November 2017
© Diodes Incorporated
BCV47Q
Thermal Characteristics and Derating Information (@TA = +25°C, unless otherwise specified.)
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
50
100
150
200
250
300
350
400
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
10m
100m
1
10
100
1k
0.1
1
10
Single Pulse. T
amb
=25°C
Pulse Power Dissipation
Pulse Width (s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com