Electronic Components Datasheet Search
  English  ▼

X  

AM4T Datasheet(PDF) 3 Page - AIMTEC

Part # AM4T
Description  4 watt dc-dc converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4T Datasheet(HTML) 3 Page - AIMTEC

  AM4T Datasheet HTML 1Page - AIMTEC AM4T Datasheet HTML 2Page - AIMTEC AM4T Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
55
VISIT US AT WWW.AIMTEC.CA
AM4T Series
MODELS
Dual output
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM4T-1203D
AM4T-1205D
AM4T-1207D
AM4T-1209D
AM4T-1212D
AM4T-1215D
AM4T-1218D
AM4T-1224D
AM4T-2403D
AM4T-2405D
AM4T-2407D
AM4T-2409D
AM4T-2412D
AM4T-2415D
AM4T-2418D
AM4T-2424D
AM4T-4803D
AM4T-4805D
AM4T-4807D
AM4T-4809D
AM4T-4812D
AM4T-4815D
AM4T-4818D
AM4T-4824D
AM4T-1203DH35
AM4T-1205DH35
AM4T-1207DH35
AM4T-1209DH35
AM4T-1212DH35
AM4T-1215DH35
AM4T-1218DH35
AM4T-1224DH35
AM4T-2403DH35
AM4T-2405DH35
AM4T-2407DH35
AM4T-2409DH35
AM4T-2412DH35
AM4T-2415DH35
AM4T-2418DH35
AM4T-2424DH35
AM4T-4803DH35
AM4T-4805DH35
AM4T-4807DH35
AM4T-4809DH35
AM4T-4812DH35
AM4T-4815DH35
AM4T-4818DH35
AM4T-4824DH35
9VDC - 18VDC
18VDC - 36VDC
36VDC - 72VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±500mA
±400mA
±278mA
±222mA
±167mA
±133mA
±111mA
±83mA
±500mA
±400mA
±278mA
±222mA
±167mA
±133mA
±111mA
±83mA
±500mA
±400mA
±278mA
±222mA
±167mA
±133mA
±111mA
±83mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com