Electronic Components Datasheet Search
  English  ▼

X  

MDAG07 Datasheet(PDF) 1 Page - ITT Industries

Part # MDAG07
Description  MD and MDP Key Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDAG07 Datasheet(HTML) 1 Page - ITT Industries

  MDAG07 Datasheet HTML 1Page - ITT Industries MDAG07 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
B-13
MD and MDP Key Switches
The disc contact type ED is a momentary
key switch with short travel and good
tactile feedback.
The ED is the main component of the
MD and MDP switches.
MDP-Disc push-button key switch
Small momentary key switch equipped
with button, can be mounted on printed
circuit board.
MD-Disc push-button key switch
Small momentary key switch including
a protective rubber actuator.
A wide range of keyboards can be built
by using the MD.
MD and MDP key pads are available in
two contact materials:
gold plated bronze
silver plated bronze
Construction
Function
Momentary
Contact arrangement
1 make contact = SPST
Distance between button centers, min.
12.7 (0.500)
Terminals
PC pins
Electrical data
Silver
Gold
Switching power max.
6 W AC/DC
3 W AC/DC
Switching voltage max.
100 V AC/DC
100 V AC/DC
Switching current max.
100 mA AC/DC
50 mA AC/DC
Dielectric strength (50 Hz/1 Min.)
300 V
300 V
Operating life with
MD
106
5
106
max. switching power
MDP
2
105
2
105
Contact resistance, initial
10 m
Ω
15 m
Ω
Insulation resistance
1011
Ω
1011
Ω
Contact bounce
100 µs
100 µs
Mechanical data
MD
MDP
Switching travel
0.6 (0.0236)
0.3 (0.0118)
Operating force
2.6N ± 25%
2.4N ± 25%
(260 grams ± 25%)
(240 grams ± 25%)
Further data
Contact material
Silver, Gold
Operating temperature
– 25°C to + 70°C1)
Storage temperature
– 40°C to + 85°C
Climatic category (days)
10 for silver version
56 for gold version
Soldering by static bath
255°C for 5 seconds
1) Special design for ambient temperature – 40°C to + 85°C (Type MD40) available (not washable in solvents)
Note: MD40 disc keyswitch conforms to climatic category 40/85/56.


Similar Part No. - MDAG07

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1 COOPER-MDA-1 Datasheet
109Kb / 2P
MDA Series, Time Delay, Ceramic Tube
MDA-1-1/2-R COOPER-MDA-1-1/2-R Datasheet
280Kb / 2P
1/4? x 1 1/4? Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
MDA-1-1/2-R EATON-MDA-1-1/2-R Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1-12 COOPER-MDA-1-12 Datasheet
109Kb / 2P
MDA Series, Time Delay, Ceramic Tube
More results

Similar Description - MDAG07

ManufacturerPart #DatasheetDescription
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
Miniature Key Switches
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
Key Switches, Medium Security
logo
C&K Components
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
SPST Momentary Key Switches
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
Miniature Key Switches
P101133WM03NQE2 CK-COMPONENTS-P101133WM03NQE2 Datasheet
176Kb / 3P
Low Profile Key Switches
D6F90F1LFS CK-COMPONENTS-D6F90F1LFS Datasheet
190Kb / 4P
SPST Momentary Key Switches
D6C90F1FS CK-COMPONENTS-D6C90F1FS Datasheet
190Kb / 4P
SPST Momentary Key Switches
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
Key Switches
logo
C&K Components
PB-22D01-L CK-COMPONENTS-PB-22D01-L Datasheet
319Kb / 8P
Single Pole and Multi-Key Pushbutton Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com