Electronic Components Datasheet Search
  English  ▼

X  

2DTF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2DTF
Description  Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2DTF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2DTF Datasheet HTML 1Page - Bourns Electronic Solutions 2DTF Datasheet HTML 2Page - Bourns Electronic Solutions 2DTF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
No. of Pieces No. of Pieces
Package
A0
B0
K0
Width
Pitch
per 13 ” reel
per tube
QSOP
24 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
56
04/05
A0
B0
K0
DIMENSIONS = MM (INCHES)
How To Order
2 DTF-V01 M-Q 24 R __
Product Class
Thin-Film-on-Silicon
Product Function
DTF = IEEE 1284 Terminator
w/Integrated Diodes
Value Code
(Refer to Standard RC Value Table)
Standard Grade
R Tol.
C Tol.
M = ±10 %
±20 %
Standard Package Style
Q = QSOP
Pin Count
Q = 24
Dispensing
R= Reel
T = Tube
Terminations
LF = 100 % Sn (lead free)
Blank = Sn/Pb
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Reliable Electronic Solutions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com