Electronic Components Datasheet Search
  English  ▼

X  

BB182B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB182B
Description  VHF variable capacitance diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB182B Datasheet(HTML) 2 Page - NXP Semiconductors

  BB182B Datasheet HTML 1Page - NXP Semiconductors BB182B Datasheet HTML 2Page - NXP Semiconductors BB182B Datasheet HTML 3Page - NXP Semiconductors BB182B Datasheet HTML 4Page - NXP Semiconductors BB182B Datasheet HTML 5Page - NXP Semiconductors BB182B Datasheet HTML 6Page - NXP Semiconductors BB182B Datasheet HTML 7Page - NXP Semiconductors BB182B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Nov 26
2
Philips Semiconductors
Product specification
VHF variable capacitance diode
BB182B
FEATURES
• High linearity
• Excellent matching to 2% DMA
• Ultra small plastic SMD package
• C25: 2.8 pF; ratio: 17
• Low series resistance.
APPLICATIONS
• Electronic tuning in VHF television
tuners, band A up to 160 MHz
• Voltage controlled oscillators
(VCO).
DESCRIPTION
The BB182B is a planar technology
variable capacitance diode in a
SOD523 (SC-79) package. The
excellent matching performance is
achieved by gliding matching and a
direct matching assembly procedure.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1 Simplified outline
(SOD523; SC-79) and symbol.
handbook, 2 columns
12


MBK441
Marking code: Y.
Orientation of marking code as shown.
Cathode side indicated by a bar.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
34
V
VRM
peak reverse voltage
in series with a 10 k
Ω resistor
−
35
V
IF
continuous forward current
−
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IR
reverse current
VR = 32 V; see Fig.3
−−
10
nA
VR = 32 V; Tj =85 °C; see Fig.3
−−
200
nA
rs
diode series resistance
f = 470 MHz; VR =5V
−−
1.1
Ω
Cd
diode capacitance
VR = 2 V; f = 1 MHz; see Figs 2 and 4
47
−
53
pF
VR = 25 V; f = 1 MHz; see Figs 2 and 4 2.65
−
3pF
capacitance ratio
f = 1 MHz
17
−−
capacitance matching
VR = 2 to 25 V; in a sequence of 15
diodes (gliding)
−−
2%
C
d2V
()
C
d25V
()
-------------------
C
d
∆
C
d
----------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com