Electronic Components Datasheet Search
  English  ▼

X  

BD239B Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # BD239B
Description  NPN SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD239B Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BD239B Datasheet HTML 1Page - Bourns Electronic Solutions BD239B Datasheet HTML 2Page - Bourns Electronic Solutions BD239B Datasheet HTML 3Page - Bourns Electronic Solutions BD239B Datasheet HTML 4Page - Bourns Electronic Solutions BD239B Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BD239, BD239A, BD239B, BD239C
NPN SILICON POWER TRANSISTORS
3
P R O D UCT
INFORMA TION
JUNE 1973 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·01
0·1
1·0
10
100
1000
TCS631AG
V
CE = 4 V
t
p = 300 µs, duty cycle < 2%
T
C = 25°C
T
C = 80°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - mA
0·1
1·0
10
100
1000
0·01
0·1
1·0
10
TCS631AE
I
C = 100 mA
I
C = 300 mA
I
C = 1 A
BASE-EMITTER VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·01
0·1
1·0
0·5
0·6
0·7
0·8
0·9
1·0
TCS631AF
V
CE = 4 V
T
C = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com