Electronic Components Datasheet Search
  English  ▼

X  

BD239C Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # BD239C
Description  NPN SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD239C Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  BD239C Datasheet HTML 1Page - Bourns Electronic Solutions BD239C Datasheet HTML 2Page - Bourns Electronic Solutions BD239C Datasheet HTML 3Page - Bourns Electronic Solutions BD239C Datasheet HTML 4Page - Bourns Electronic Solutions BD239C Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BD239, BD239A, BD239B, BD239C
NPN SILICON POWER TRANSISTORS
4
PRODU CT
INFORMA TION
JUNE 1973 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
MAXIMUM SAFE OPERATING REGIONS
Figure 4.
THERMAL INFORMATION
Figure 5.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0·1
1·0
10
100
SAS631AE
BD239
BD239A
BD239B
BD239C
t
p = 300 µs, d = 0.1 = 10%
t
p =
1 ms, d = 0.1 = 10%
t
p =
10 ms, d = 0.1 = 10%
DC Operation
MAXIMUM POWER DISSIPATION
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
0
255075
100
125
150
0
10
20
30
40
TIS631AB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com