Electronic Components Datasheet Search
  English  ▼

X  

BB204B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB204B
Description  VHF variable capacitance double diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB204B Datasheet(HTML) 2 Page - NXP Semiconductors

  BB204B Datasheet HTML 1Page - NXP Semiconductors BB204B Datasheet HTML 2Page - NXP Semiconductors BB204B Datasheet HTML 3Page - NXP Semiconductors BB204B Datasheet HTML 4Page - NXP Semiconductors BB204B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 May 03
2
Philips Semiconductors
Product specification
VHF variable capacitance double diodes
BB204B; BB204G
FEATURES
• Selected capacitance ranges
• Leaded plastic package
• C30: 14 pF; ratio: 2.6.
APPLICATIONS
• Electronic tuning in FM radio
applications
• VCO.
DESCRIPTION
The BB204B, BB204G are variable
capacitance double diodes with
common cathodes, fabricated in
planar technology, and encapsulated
in TO-92 variant leaded plastic
packages.
PINNING
PIN
DESCRIPTION
1
anode (a1)
2
common cathode
3
anode (a2)
Fig.1 Simplified outline (TO-92 variant) and symbol.
handbook, halfpage
1
3
2
MAM223
13
2
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
−
30
V
IF
continuous forward current
−
100
mA
Tstg
storage temperature
−55
+100
°C
Tj
operating junction temperature
−55
+100
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com