Electronic Components Datasheet Search
  English  ▼

X  

ISL6415IRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6415IRZ
Description  Triple Output Regulator with Single Synchronous Buck and Dual LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6415IRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6415IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6415IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6415IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6415IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6415IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6415IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6415IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6415IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6415IRZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ISL6415
FN9145 Rev 0.00
Page 13 of 13
Dec 27, 2004
Quad Flat No-Lead Plastic Package (QFN)
Micro Lead Frame Plastic Package (MLFP)
L24.4x4B
24 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-220VGGD-2 ISSUE C)
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
-
0.05
-
A2
-
-
1.00
9
A3
0.20 REF
9
b
0.18
0.23
0.30
5, 8
D
4.00 BSC
-
D1
3.75 BSC
9
D2
2.19
2.34
2.49
7, 8
E
4.00 BSC
-
E1
3.75 BSC
9
E2
2.19
2.34
2.49
7, 8
e
0.50 BSC
-
k0.25
-
-
-
L
0.30
0.40
0.50
8
L1
-
-
0.15
10
N24
2
Nd
6
3
Ne
6
3
P-
-
0.60
9
--
12
9
Rev. 0 10/03
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on each D and E.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.
9. Features and dimensions A2, A3, D1, E1, P &
 are present when
Anvil singulation method is used and not present for saw
singulation.
10. Depending on the method of lead termination at the edge of the
package, a maximum 0.15mm pull back (L1) maybe present. L
minus L1 to be equal to or greater than 0.3mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com