Electronic Components Datasheet Search
  English  ▼

X  

ISL6436LIB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6436LIB
Description  USB Dual Port Power Supply Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6436LIB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6436LIB Datasheet HTML 2Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 3Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 4Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 5Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 6Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 7Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 8Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 9Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ISL6436
FN9023 Rev 0.00
Page 6 of 13
Aug 10, 2001
Typical Performance Curves
FIGURE 2. SWITCH ON RESISTANCE AT 0.7A
FIGURE 3. VOUT SOFT START vs CLOAD, Rl =10
FIGURE 4. CURRENT REGULATION vs VOUT (VIN = 3.3V)
FIGURE 5. CURRENT REGULATION vs VOUT (VIN = 5.0V)
FIGURE 6. OC TO CR SETTLING TIME WAVEFORMS
FIGURE 7. CR SETTLING TIME vs FAULT CURRENT
-40 -30 -20 -10 0
10 203040 5060708090
TEMPERATURE (oC)
40
50
60
70
80
90
100
110
120
100
VIN = 2.7V
VIN = 3.3V
VIN = 5V
CL = 0.1
F
ENABLE
CL = 100F
10
F
TIME (400
s /DIV.)
OUTPUT
1.25
1.5
1.75
2.0
2.25
2.5
2.75
3.0
VOUT (V)
3.1
800
900
1000
1100
1200
85oC
25oC
-40oC
1.3 1.5
2.0
2.5
3.0
3.5
4.0
4.5
VOUT (V)
4.8
800
900
1000
1100
1200
85oC
-40oC
25oC
TIME (200
s/DIV.)
CURRENT REGULATED
LEVEL
NOMINAL CURRENT
123456789
10
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
FAULT CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com