Electronic Components Datasheet Search
  English  ▼

X  

ISL6540 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6540
Description  Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6540 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6540 Datasheet HTML 1Page - Renesas Technology Corp ISL6540 Datasheet HTML 2Page - Renesas Technology Corp ISL6540 Datasheet HTML 3Page - Renesas Technology Corp ISL6540 Datasheet HTML 4Page - Renesas Technology Corp ISL6540 Datasheet HTML 5Page - Renesas Technology Corp ISL6540 Datasheet HTML 6Page - Renesas Technology Corp ISL6540 Datasheet HTML 7Page - Renesas Technology Corp ISL6540 Datasheet HTML 8Page - Renesas Technology Corp ISL6540 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
ISL6540
Data Sheet
July 23, 2008
FN9214.1
Single-Phase Buck PWM Controller with
Integrated High Speed MOSFET Driver
and Pre-Biased Load Capability
The ISL6540 is a single-phase voltage-mode PWM controller
with input voltage feedforward compensation to maintain a
constant loop gain for optimal transient response, especially for
applications with a wide input voltage range. Its integrated high
speed synchronous rectified MOSFET drivers and other
sophisticated features provide complete control and protection
for a DC/DC converter with minimum external components,
resulting in minimum cost and less engineering design efforts.
The output voltage of the converter can be precisely regulated
with an internal reference voltage of 0.591V, and has a system
tolerance of ±0.85% over commercial temperature and line load
variations. An external voltage can be used in place of the
internal reference for voltage tracking/DDR applications.
The ISL6540 has an internal linear regulator or external linear
regulator drive options for applications with only a single supply
rail. The internal oscillator is adjustable from 250kHz to 2MHz.
The integrated voltage margining, programmable pre-biased
soft-start, differential remote sensing amplifier, and
programmable input voltage POR features enhance the
ISL6540 value.
Pinout
ISL6540
(28 LD 5x5 QFN)
TOP VIEW
Features
• VIN and Power Rail Operation from +3.3V to +20V
• Fast Transient Response - 0 to 100% Duty Cycle
-
15MHz Bandwidth Error Amplifier with 6V/μs Slew Rate
- Voltage-Mode PWM Leading and Trailing-edge
Modulation Control
- Input Voltage Feedforward Compensation
• 2.9V to 5.6V High Speed 2A/4A MOSFET Gate Drivers
-
Tri-state for Power Stage Shutdown
•
Internal Linear Regulator (LR) - 5.6V Bias from VIN
•
External LR Drive for Optimal Thermal Performance
• Voltage Margining with Independently Adjustable Upper and
Lower Settings for System Stress Testing & Over Clocking
•
Reference Voltage I/O for DDR/Tracking Applications
•
Precise 0.591V Internal Reference with Buffered Output
-
±0.85%/±1.25% Over Commercial/Industrial Range
•
Source and Sink Overcurrent Protections
-
Low- and High-Side MOSFET rDS(ON) Sensing
•
Overvoltage and Undervoltage Protections
•
Small Converter Size - QFN package
• Oscillator Programmable from 250kHz to 2MHz
• Differential Remote Voltage Sensing with Unity Gain
• Programmable Soft-start with Pre-Biased Load Capability
• Power Good Indication with Programmable Delay
• EN Input with Voltage Monitoring Capability
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
•
Power Supply for some Microprocessors and GPUs
•
Wide and Narrow Input Voltage Range Buck Regulators
•
Point of Load Applications
•
Low-Voltage and High Current Distributed Power Supplies
VSEN+
REFOUT
PHASE
BOOT
UGATE
PGND
VSEN-
LGATE
SS
OFS-
PVCC
LINDRV
OFS+
REFIN
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
GND
BOTTOM
SIDE PAD
Ordering Information
PART
NUMBER*
(Note)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6540CRZ
ISL6540CRZ
0 to 70
28 Ld QFN L28.5x5
ISL6540CRZA ISL6540CRZ
0 to 70
28 Ld QFN L28.5x5
ISL6540IRZA
ISL6540IRZ
-40 to 85
28 Ld QFN L28.5x5
*Add “-T” suffix for tape and reel.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
NOT RE
COMME
NDED FO
R NEW D
ESIGNS
RECOMM
ENDED
REPLAC
EMENT
PART
ISL6540
A


Similar Part No. - ISL6540

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540 INTERSIL-ISL6540 Datasheet
521Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
March 9, 2006
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
October 7, 2008
logo
Renesas Technology Corp
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Intersil Corporation
ISL6540ACRZ INTERSIL-ISL6540ACRZ Datasheet
448Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
October 7, 2008
More results

Similar Description - ISL6540

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540 INTERSIL-ISL6540_06 Datasheet
521Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
March 9, 2006
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
October 7, 2008
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
ISL8115 INTERSIL-ISL8115 Datasheet
888Kb / 24P
High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL8115 RENESAS-ISL8115 Datasheet
1Mb / 24P
High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
Dual/n-Phase Buck PWM Controller with Integrated Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com