Electronic Components Datasheet Search
  English  ▼

X  

ISL6402AIRZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL6402AIRZ
Description  1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6402AIRZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL6402AIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6402AIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6402AIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6402AIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6402AIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL6402AIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL6402AIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL6402AIRZ Datasheet HTML 17Page - Renesas Technology Corp ISL6402AIRZ Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ISL6402A
FN9010 Rev 3.00
Page 16 of 18
Dec 1, 2004
selected based upon rDS(ON), gate supply requirements,
and thermal management considerations.
The power dissipation includes two loss components;
conduction loss and switching loss. These losses are
distributed between the upper and lower MOSFETs
according to duty cycle (see the following equations). The
conduction losses are the main component of power
dissipation for the lower MOSFETs. Only the upper MOSFET
has significant switching losses, since the lower device turns
on and off into near zero voltage. The equations assume
linear voltage-current transitions and do not model power
loss due to the reverse-recovery of the lower MOSFET’s
body diode.
A large gate-charge increases the switching time, tSW,
which increases the upper MOSFET switching losses.
Ensure that both MOSFETs are within their maximum
junction temperature at high ambient temperature by
calculating the temperature rise according to package
thermal-resistance specifications.
Output Capacitor Selection
The output capacitors for each output have unique
requirements. In general, the output capacitors should be
selected to meet the dynamic regulation requirements
including ripple voltage and load transients. Selection of
output capacitors is also dependent on the output inductor,
so some inductor analysis is required to select the output
capacitors.
One of the parameters limiting the converter’s response to a
load transient is the time required for the inductor current to
slew to its new level. The ISL6402A will provide either 0% or
71% duty cycle in response to a load transient.
The response time is the time interval required to slew the
inductor current from an initial current value to the load
current level. During this interval the difference between the
inductor current and the transient current level must be
supplied by the output capacitor(s). Minimizing the response
time can minimize the output capacitance required. Also, if
the load transient rise time is slower than the inductor
response time, as in a hard drive or CD drive, it reduces the
requirement on the output capacitor.
The maximum capacitor value required to provide the full,
rising step, transient load current during the response time of
the inductor is:
where, COUT is the output capacitor(s) required, LO is the
output inductor, ITRAN is the transient load current step, VIN
is the input voltage, VO is output voltage, and DVOUT is the
drop in output voltage allowed during the load transient.
High frequency capacitors initially supply the transient
current and slow the load rate-of-change seen by the bulk
capacitors. The bulk filter capacitor values are generally
determined by the ESR (Equivalent Series Resistance) and
voltage rating requirements as well as actual capacitance
requirements.
The output voltage ripple is due to the inductor ripple current
and the ESR of the output capacitors as defined by:
where, IL is calculated in the Inductor Selection section.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load
circuitry for specific decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications at 1.4MHz for the bulk
capacitors. In most cases, multiple small-case electrolytic
capacitors perform better than a single large-case capacitor.
The stability requirement on the selection of the output
capacitor is that the ‘ESR zero’, fZ, be between 2kHz and
50kHz. This range is set by an internal, single compensation
zero at 10kHz. The ESR zero can be a factor of five on either
side of the internal zero and still contribute to increased
phase margin of the control loop. Therefore,
In conclusion, the output capacitors must meet three criteria:
1. They must have sufficient bulk capacitance to sustain the
output voltage during a load transient while the output
inductor current is slewing to the value of the load
transient,
2. The ESR must be sufficiently low to meet the desired
output voltage ripple due to the output inductor current,
and
3. The ESR zero should be placed in a rather large range,
to provide additional phase margin.
The recommended output capacitor value for the ISL6402A
is between 150
F to 680F, to meet stability criteria with
external compensation. Use of low ESR ceramic capacitors
is possible but would take more rigorous loop analysis to
ensure stability.
PUPPER
IO
2
 r
DS ON

 V
OUT

VIN
---------------------------------------------------------------
IO
 V
IN
 t
SW
 F
SW

2
------------------------------------------------------------
+
=
PLOWER
IO
2
 r
DS ON

 V
IN
VOUT
–

VIN
-------------------------------------------------------------------------------
=
COUT
LO
 I
TRAN

2
2VIN VO
–
 DV
OUT

-----------------------------------------------------------
=
VRIPPLE
I
L ESR

=
COUT
1
2
 ESR
 f
Z

-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com