Electronic Components Datasheet Search
  English  ▼

X  

ISL22326WM Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL22326WM
Description  Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL22326WM Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL22326WM Datasheet HTML 1Page - Renesas Technology Corp ISL22326WM Datasheet HTML 2Page - Renesas Technology Corp ISL22326WM Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FN6623 Rev 1.00
Page 1 of 3
November 11, 2011
FN6623
Rev 1.00
November 11, 2011
ISL22326WM
Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C
Bus, 128 Taps
DATASHEET
The ISL22326WMVEP integrates two digitally controlled
potentiometers (XDCP) and non-volatile memory on a
monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. Each potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR controls the position of the
wiper. At power-up, the device recalls the contents of the two
DCP’s IVR to the corresponding WRs.
The DCPs can be used as three-terminal potentiometers or
as two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments and
signal processing.
Device Information
The specifications for an Enhanced Product (EP) device are
defined in a Vendor Item Drawing (VID), which is controlled
by the Defense Logistics Agency (DLA). “Hot-links” to the
applicable VID and other supporting application information
are provided on our website.
Pinout
Features
• Specifications per DLA VID V62/08604-01XE
• Full Mil-Temp Electrical Performance from -55°C to +125°C
• Controlled Baseline with One Wafer Fabrication Site and
One Assembly/Test Site
• Full Homogeneous Lot Processing in Wafer Fab
• No Combination of Wafer Fabrication Lots in Assembly
• Full Traceability Through Assembly and Test by
Date/Trace Code Assignment
• Enhanced Process Change Notification
• Enhanced Obsolescence Management
• Eliminates Need for Up-Screening a COTS Component
• Two Potentiometers in One Package
•128 Resistor Taps
•I2C Serial Interface
- Three Address Pins, Up To Eight Devices/Bus
• Non-volatile Storage of Wiper Position
• Wiper Resistance: 70
 Typical @ 3.3V
• Shutdown Mode
• Shutdown Current 5µA Max
• Power Supply: 2.7V to 5.5V
•10k
 Total Resistance
• High Reliability
- Endurance: 1,000,000 Data Changes Per Bit Per
Register
- Register Data Retention:
- 10 years @ T
+125°C
- 15 years @ T
 +90°C
- 50 years @ T
+55°C
• 14 Ld TSSOP
ISL22326WMVEP
(14 LD TSSOP)
TOP VIEW
A2
1
2
3
4
5
6
7
SDA
SCL
8
9
10
14
13
12
11
SHDN
RW0
RL0
RH0
A1
VCC
RW1
RL1
RH1
A0
GND
Ordering Information
VENDOR PART NUMBER
(Notes 1, 2)
VENDOR ITEM DRAWING PART MARKING
RESISTANCE OPTION
(k
)
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL22326WMVEP
V62/08604-01XE
22326 WMVEP
10
-55 to +125
14 Ld TSSOP M14.173
NOTES:
1. Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Devices must be procured to the VENDOR PART NUMBER.


Similar Part No. - ISL22326WM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22326WM INTERSIL-ISL22326WM Datasheet
103Kb / 3P
Full Homogeneous Lot Processing in Wafer Fab
November 11, 2011
ISL22326WM INTERSIL-ISL22326WM Datasheet
103Kb / 3P
Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
Low Noise, Low Power, I2C짰 Bus, 128 Taps
December 17, 2007
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
Full Homogeneous Lot Processing in Wafer Fab
November 11, 2011
More results

Similar Description - ISL22326WM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL22326 RENESAS-ISL22326 Datasheet
972Kb / 17P
Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL22346 RENESAS-ISL22346 Datasheet
954Kb / 16P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22329 RENESAS-ISL22329 Datasheet
828Kb / 13P
Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
September 4, 2009
ISL22346WM RENESAS-ISL22346WM Datasheet
206Kb / 3P
Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22426 RENESAS-ISL22426 Datasheet
1,023Kb / 15P
Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com