Electronic Components Datasheet Search
  English  ▼

X  

ISL28166 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL28166
Description  39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28166 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL28166 Datasheet HTML 1Page - Renesas Technology Corp ISL28166 Datasheet HTML 2Page - Renesas Technology Corp ISL28166 Datasheet HTML 3Page - Renesas Technology Corp ISL28166 Datasheet HTML 4Page - Renesas Technology Corp ISL28166 Datasheet HTML 5Page - Renesas Technology Corp ISL28166 Datasheet HTML 6Page - Renesas Technology Corp ISL28166 Datasheet HTML 7Page - Renesas Technology Corp ISL28166 Datasheet HTML 8Page - Renesas Technology Corp ISL28166 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL28166
FN6155 Rev 5.00
Page 2 of 11
January 16, 2014
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . .1500V
Thermal Resistance (Typical Note 4)
JA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . Indefinite
Ambient Operating Temperature Range . . . . . . . . .-40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25°C unless otherwise specified. Boldface limits apply over the operating
temperature range, -40°C to +125°C. Temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT
VOS
Input Offset Voltage
-700
-7
700
µV
-800
800
Input Offset Drive vs Temperature
1.5
µV/°C
IOS
Input Offset Current
-1.5
0.34
1.2
nA
-5
2.5
IB
Input Bias Current
-5
1.14
5
nA
-5.5
5.5
EN
Input Noise Voltage Density
FO = 1kHz
46
nV/
Hz
IN
Input Noise Current Density
FO = 1kHz
0.14
pA/
Hz
CMIR
Input Common-Mode Voltage Range
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
80
110
dB
75
PSRR
Power Supply Rejection Ratio
VS = 2.4V to 5V
90
104
dB
75
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V, RL = 100k
200
412
V/mV
175
VO = 0.5V to 4.5V, RL = 1k
35
70
V/mV
30
VOUT
Maximum Output Voltage Swing
Output low, RL = 100k
36
mV
8
Output low, RL = 1k
130
150
mV
200
Output high, RL = 100k
4.992
4.995
V
4.99
Output high, RL = 1k
4.85
4.88
V
4.8
SR
Slew Rate
0.05
V/µs
GBW
Gain Bandwidth Product
AV = 1
250
kHz
V
OS
T
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com