Electronic Components Datasheet Search
  English  ▼

X  

ISL8560MREP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL8560MREP
Description  DC/DC Power Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8560MREP Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL8560MREP Datasheet HTML 1Page - Renesas Technology Corp ISL8560MREP Datasheet HTML 2Page - Renesas Technology Corp ISL8560MREP Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FN6621 Rev 1.00
Page 1 of 3
November 11, 2011
FN6621
Rev 1.00
November 11, 2011
ISL8560MR
DC/DC Power Switching Regulator
DATASHEET
The ISL8560MREP is a step down DC/DC power switching
regulator which accepts 9.0V to 60V input and provides a 2A
output current. The output voltage can be set in the range
between 1.21V and 55V by means of an external divider.
The device uses an internal power DMOS transistor with a
typical rDS(ON) of 0.19 to obtain very high efficiency and
high switching speed. A switching frequency in the range of
100kHz to 600kHz can be realized (the maximum power
dissipation of the various packages must be observed).
Notable features of this next generation of DC/DC converter
includes pulse-by-pulse current limit for FET protection,
hiccup mode for short circuit protection, voltage feedforward
regulation, Frequency SYNC, soft-start, low standby current
of 60µA typical in the disabled state, and thermal shut-down.
The device is available in a 20 Ld QFN package.
Device Information
The specifications for an Enhanced Product (EP) device are
defined in a Vendor Item Drawing (VID), which is controlled
by the Defense Logistics Agency (DLA). “Hot-links” to the
applicable VID and other supporting application information
are provided on our website.
Features
• Specifications per DLA VID V62/08608
• Full Mil-Temp Electrical Performance from -55°C to +125°C
• Controlled Baseline with One Wafer Fabrication Site and
One Assembly/Test Site
• Full Homogeneous Lot Processing in Wafer Fab
• No Combination of Wafer Fabrication Lots in Assembly
• Full Traceability Through Assembly and Test by
Date/Trace Code Assignment
• Enhanced Process Change Notification
• Enhanced Obsolescence Management
• Eliminates Need for Up-Screening a COTS Component
• Voltage Feedforward Mode
• Step Down DC/DC Supporting up to 2A Based on Max TJ
and VIN/VOUT
• Input Voltage Range of 9.0V to 60V
• Internal Reference of 1.21V ±1%
• Adjustable Output Voltage Range of 1.21V to 55V
• Adjustable Switching Frequency 100kHz to 600kHz
• Frequency SYNC Pin
• Zero Load Current Operation
• Pulse by Pulse Mode Current Limit and Hiccup mode
• Low Standby Current of 60µA Typical
• Thermal Shut-down
• Load Dump to 100V for 400ms
Applications
• Industrial and Avionics power supplies
• Portable computers
• Battery chargers
• Distributed power systems
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Pinout
ISL8560MREP
(20 LD QFN)
TOP VIEW
LX
LX
BOOT
EN
LX
PGND
VCC5
PGOOD
REF
SS
1
2
3
4
5
67
8
9
10
15
14
13
12
11
20
19
18
17
16


Similar Part No. - ISL8560MREP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
90Kb / 2P
DC/DC Power Switching Regulator
December 13, 2007
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
100Kb / 2P
DC/DC Power Switching Regulator
November 11, 2011
More results

Similar Description - ISL8560MREP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1156 FAIRCHILD-KSA1156 Datasheet
65Kb / 5P
High Voltage Switching Low Power Switching Regulator DC-DC Converter
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
Switching Regulator, DC/DC Converter
logo
Intersil Corporation
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
90Kb / 2P
DC/DC Power Switching Regulator
December 13, 2007
ISL8540 INTERSIL-ISL8540 Datasheet
960Kb / 16P
DC/DC Power Switching Regulator
ISL8560 INTERSIL-ISL8560 Datasheet
1,023Kb / 17P
DC/DC Power Switching Regulator Voltage feedforward mode
September 19, 2008
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
Switching Regulator, DC/DC Converter
logo
Fairchild Semiconductor
KSA1156OS FAIRCHILD-KSA1156OS Datasheet
96Kb / 5P
High Voltage Switching Low Power Switching Regulator DC-DC Converter
logo
Intersil Corporation
ISL8560MR INTERSIL-ISL8560MR Datasheet
100Kb / 2P
DC/DC Power Switching Regulator
November 11, 2011
logo
Renesas Technology Corp
ISL8540 RENESAS-ISL8540 Datasheet
1Mb / 17P
DC/DC Power Switching Regulator
ISL8560 RENESAS-ISL8560 Datasheet
1Mb / 17P
DC/DC Power Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com