Electronic Components Datasheet Search
  English  ▼

X  

NHUMD2 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # NHUMD2
Description  80 V, 100 mA NPN/PNP resistor-equipped double transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NHUMD2 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  NHUMD2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved NHUMD2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved NHUMD2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved NHUMD2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved NHUMD2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved NHUMD2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved NHUMD2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved NHUMD2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved NHUMD2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
NHUMD3/2/12 series
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 — 24 July 2020
Product data sheet
1. General description
NPN/PNP Resistor-Equipped double Transistor (RET) family in a very small SOT363 (SC-88)
Surface-Mounted Device (SMD) plastic package.
Table 1. Product overview
R1
R2
Package
Type number
kΩ
kΩ
Nexperia
JEITA
NPN/NPN
complement:
PNP/PNP
complement:
NHUMD3
10
10
NHUMH11
NHUMB11
NHUMD2
22
22
NHUMH1
NHUMB1
NHUMD12
47
47
SOT363
SC-88
NHUMH2
NHUMB2
2. Features and benefits
• 100 mA output current capability
• High breakdown voltage
• Built-in resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified
3. Applications
• Digital applications
• Cost saving alternative for BC846 / BC856 series in digital applications
• Controlling IC inputs
• Switching loads
4. Quick reference data
Table 2. Quick reference data
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor, for the PNP transistor with negative polarity
VCEO
collector-emitter voltage
open base
-
-
80
V
IO
output current
-
-
100
mA


Similar Part No. - NHUMD2

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NHUMD2 NEXPERIA-NHUMD2 Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMD2 NEXPERIA-NHUMD2 Datasheet
373Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMD2 NEXPERIA-NHUMD2 Datasheet
299Kb / 15P
80 V, 100 mA NPN/NPN resistor-equipped double transistors
Rev. 1 - 22 July 2020
NHUMD2-Q NEXPERIA-NHUMD2-Q Datasheet
379Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 9 September 2024
NHUMD2-Q NEXPERIA-NHUMD2-Q Datasheet
303Kb / 15P
80 V, 100 mA NPN/NPN resistor-equipped double transistors
Rev. 1 9 September 2024
More results

Similar Description - NHUMD2

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NHUMB10 NEXPERIA-NHUMB10 Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMB11 NEXPERIA-NHUMB11 Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMD10 NEXPERIA-NHUMD10 Datasheet
377Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMD3 NEXPERIA-NHUMD3 Datasheet
373Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMH10 NEXPERIA-NHUMH10 Datasheet
299Kb / 15P
80 V, 100 mA NPN/NPN resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMH11 NEXPERIA-NHUMH11 Datasheet
299Kb / 15P
80 V, 100 mA NPN/NPN resistor-equipped double transistors
Rev. 1 - 22 July 2020
NHUMB10_SER NEXPERIA-NHUMB10_SER Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMB11_SER NEXPERIA-NHUMB11_SER Datasheet
297Kb / 15P
80 V, 100 mA PNP/PNP resistor-equipped double transistors
Rev. 1 - 23 July 2020
NHUMD10_SER NEXPERIA-NHUMD10_SER Datasheet
377Kb / 20P
80 V, 100 mA NPN/PNP resistor-equipped double transistors
Rev. 1 - 24 July 2020
NHUMH10_SER NEXPERIA-NHUMH10_SER Datasheet
299Kb / 15P
80 V, 100 mA NPN/NPN resistor-equipped double transistors
Rev. 1 - 24 July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com