Electronic Components Datasheet Search
  English  ▼

X  

BSR33 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BSR33
Description  SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSR33 Datasheet(HTML) 1 Page - Diodes Incorporated

  BSR33 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 3 – FEBRUARY 1996
COMPLEMENTARY TYPE –
BSR31 – BSR41
BSR33 – BSR43
PARTMARKING DETAILS –
BSR31 – BR2
BSR33 – BR4
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BSR31
BSR33
UNIT
Collector-Base Voltage
VCBO
-70
-90
V
Collector-Emitter Voltage
VCEO
-60
-80
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb=25°C
PTOT
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
BSR31
Breakdown Voltage BSR33
V(BR)CBO
-70
-90
V
V
IC=-100µA
IC=-100µA
Collector-Emitter
BSR31
Breakdown Voltage BSR33
V(BR)CEO
-60
-80
VIC=-10mA
IC=-10mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-10mA
Collector Cut-Off Current
ICBO
-100
-50
nA
µA
VCB=-60V
VCB=-60V, Tamb=125°C
Collector-Emitter Saturation
Voltage
VCE(sat)
-0.25
-0.5
V
V
IC =-150mA, IB=-15mA*
IC =-500mA, IB=-50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.0
-1.2
V
V
IC=-150mA, IB=-15mA*
IC =-500mA, IB=-50mA*
Static Forward Current
Transfer Ratio
hFE
30
100
50
300
IC =-100µA, VCE=-5V*
IC =-100mA, VCE =-5V*
IC =-500mA, VCE =-5V*
Collector Capacitance
Cc
20
pF
VCB =-10V, f =1MHz
Emitter Capacitance
Ce
120
pF
VEB =-0.5V, f =1MHz
Transition Frequency
fT
100
MHz
IC=-50mA, VCE=-10V
f =35MHz
Turn-On Time
Ton
500
ns
VCC =-20V, IC =-100mA
IB1 =-IB2 =-5mA
Turn-Off Time
Toff
650
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
BSR31
BSR33
C
C
B
E
SOT89
3 - 66
Not Recommended for New Design
Please Use FMMT591


Similar Part No. - BSR33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR33 PHILIPS-BSR33 Datasheet
41Kb / 8P
PNP medium power transistors
1999 Apr 26
logo
Zetex Semiconductors
BSR33 ZETEX-BSR33 Datasheet
33Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR33 ZETEX-BSR33 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Guangdong Kexin Industr...
BSR33 KEXIN-BSR33 Datasheet
38Kb / 2P
PNP Medium Power Transistors
logo
NXP Semiconductors
BSR33 NXP-BSR33 Datasheet
118Kb / 7P
PNP medium power transistors
2004 Dec 13
More results

Similar Description - BSR33

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BCX54 ZETEX-BCX54 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR41 ZETEX-BSR41 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FCX589 DIODES-FCX589 Datasheet
33Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM
OCTOBER 1995
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM
NOVEMBER 1995
BCX51 DIODES-BCX51 Datasheet
132Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
logo
List of Unclassifed Man...
BSR43TA ETC2-BSR43TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCX69 DIODES-BCX69_15 Datasheet
22Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1995
BSR30 DIODES-BSR30 Datasheet
26Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
JUNE 1996
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com