Electronic Components Datasheet Search
  English  ▼

X  

BSR33 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BSR33
Description  80V PNP MEDIUM POWER TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSR33 Datasheet(HTML) 4 Page - Diodes Incorporated

  BSR33 Datasheet HTML 1Page - Diodes Incorporated BSR33 Datasheet HTML 2Page - Diodes Incorporated BSR33 Datasheet HTML 3Page - Diodes Incorporated BSR33 Datasheet HTML 4Page - Diodes Incorporated BSR33 Datasheet HTML 5Page - Diodes Incorporated BSR33 Datasheet HTML 6Page - Diodes Incorporated BSR33 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BSR33
Datasheet Number: DS33017 Rev. 5 - 2
4 of 7
www.diodes.com
November 2013
© Diodes Incorporated
BSR33
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-90
–
–
V
IC = -100μA
Collector-Emitter Breakdown Voltage (Note 11)
BVCEO
-80
–
–
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-5
–
–
V
IE = -100μA
Collector Cutoff Current
ICBO
–
–
-100
-50
nA
µA
VCB = -60V
VCB = -60V, TJ = +150°C
DC current transfer Static ratio (Note 11)
hFE
30
100
50
–
–
–
–
300
–
–
IC = -100µA, VCE = -5V
IC = -100mA, VCE = -5V
IC = -500mA, VCE = -5V
Collector-Emitter Saturation Voltage (Note 11)
VCE(sat)
–
–
–
–
-0.25
-0.5
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
Base-Emitter Saturation Voltage (Note 11)
VBE(sat)
–
–
-1.0
-1.2
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
Transitional Frequency
fT
100
–
–
MHz
IC = -50mA, VCE = -10V
f = 35MHz
Output capacitance
Cobo
–
–
20
pF
VCB = -10V, f = 1MHz
Input Capacitance
Cibo
–
–
120
pF
VCB = -0.5V, f = 1MHZ
Turn-On Time
Ton
–
–
500
ns
VCC =-20V, IC = -100mA
IB1 =IB2 = -5mA
Turn-Off Time
Toff
–
–
650
ns
Note:
11. Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com