Electronic Components Datasheet Search
  English  ▼

X  

7702NH Datasheet(PDF) 2 Page - Belden Inc.

Part # 7702NH
Description  LonWorks, 2PR #22 Sol BC, PO ins, Unsh, LSNH Jkt, 300V, Dca
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7702NH Datasheet(HTML) 2 Page - Belden Inc.

  7702NH Datasheet HTML 1Page - Belden Inc. 7702NH Datasheet HTML 2Page - Belden Inc. 7702NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Capacitance
Nom. Capacitance Conductor to Conductor
46 pF/m
Impedance
Frequency [MHz] Nominal Characteristic Impedance
1 - 20
100 Ohm
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss Nom. NEXT [dB]
0.772 MHz
1.3 dB/100m
1 MHz
1.5 dB/100m
59 dB
4 MHz
3.1 dB/100m
50 dB
10 MHz
4.9 dB/100m
44 dB
16 MHz
6.3 dB/100m
41 dB
20 MHz
6.9 dB/100m
40 dB
Current
Element
Max. Recommended Current [A]
Conductor(s) 2.5 Amps per Conductor
Voltage
Voltage Rating [V]
300 V
Temperature Range
Operating Temperature Range:
-15°C To +80°C
Mechanical Characteristics
Bulk Cable Weight:
31.2 kg/km
Max. Pull Tension:
50 N
Min. Bend Radius During Installation:
80 mm
Standards
CPR Euroclass:
Dca-s1,d1,a1
Other Specification:
BS 7655 section 6.1 table 1, LTS 3
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Euroclass Dca
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-1-2, IEC 60332-3-24
IEC 60754-1 - Halogen Amount:
Zero
Related Part Numbers
Variants
Item #
Color Put-Up Type Length
EAN
7702NH.00305
White
Reel
305 m
8719605013439
7702NH.00U305 White
UnReel
305 m
8719605013446
History
Update and Revision:
Revision Number: 0.233 Revision Date: 12-19-2022
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com