Electronic Components Datasheet Search
  English  ▼

X  

ISL29043 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL29043
Description  Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL29043 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL29043 Datasheet HTML 1Page - Renesas Technology Corp ISL29043 Datasheet HTML 2Page - Renesas Technology Corp ISL29043 Datasheet HTML 3Page - Renesas Technology Corp ISL29043 Datasheet HTML 4Page - Renesas Technology Corp ISL29043 Datasheet HTML 5Page - Renesas Technology Corp ISL29043 Datasheet HTML 6Page - Renesas Technology Corp ISL29043 Datasheet HTML 7Page - Renesas Technology Corp ISL29043 Datasheet HTML 8Page - Renesas Technology Corp ISL29043 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL29043
FN7935 Rev 2.00
Page 2 of 16
April 28, 2016
ISL29043 Block Diagram
Pin Configuration
ISL29043
(10 LD 2.1x3.5 (mm) OPTICAL CO-PACKAGE)
TOP VIEW
VDD
REXT
GND
SCL
IR PHOTODIODE
LIGHT DATA
5
4
6
3
FOSC
IREF
IRDR
ARRAY
ALS PHOTODIODE
PROCESS
ALS AND IR
ARRAY
DUAL CHANNEL
ADCs
9
INT
8
COMMAND
REGISTER
DATA
REGISTER
I2C
IR DRIVER
INTERRUPT
SDA
7
ADDR0
2
LED+
1
LED-
10
1
8
7
6
5
4
3
2
10
9
LE D +
SC L
SD A
IRDR
LE D -
RE X T
GN D
VD D
ADDR 0
IN T
*T HE RM AL P AD M U S T B E L E F T
FLO A T IN G
Pin Descriptions
PIN # PIN NAME
DESCRIPTION
0
T-PAD
Thermal pad. Floating - do not connect to GND or VDD
1
LED+
Anode of IR-LED
2ADDR0
I2C address pin - pull high or low (do not float)
3
VDD
Positive supply: 2.25V to 3.63V
4GND
Ground
5
REXT
External resistor (499k
; 1%) connects this pin to
ground.
6SCL
I2C clock line
The I2C bus lines can be pulled from
1.7V to above VDD, 3.63V max.
7SDA
I2C data line
8INT
Interrupt pin; Logic output (open-drain) for interrupt
9
IRDR
IR-LED driver pin - current flows into ISL29043 from
LED cathode
10
LED-
Cathode of IR-LED
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
TEMP. RANGE
(°C)
PACKAGE
Tape & Reel
(Pb-free)
PKG.
DWG. #
ISL29043IROMZ-T7
-40 to +85
10 Ld Optical Co-package
L10.2.1x3.5E
ISL29043IROMZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets: molding compounds, die attach materials, NiPdAu plate (e4
termination finish), which are all RoHS compliant. The ISL29043 is compatible with limited SnPb and Pb-free soldering operations. The ISL29043 is
MSL classified. See Tech Brief TB489 (Surface Mount Guidelines for Optical Co-packages) for reflow profile and more information.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL29043. For more information on MSL please see tech brief TB477.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com