Electronic Components Datasheet Search
  English  ▼

X  

ISL55191 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL55191
Description  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL55191 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL55191 Datasheet HTML 9Page - Renesas Technology Corp ISL55191 Datasheet HTML 10Page - Renesas Technology Corp ISL55191 Datasheet HTML 11Page - Renesas Technology Corp ISL55191 Datasheet HTML 12Page - Renesas Technology Corp ISL55191 Datasheet HTML 13Page - Renesas Technology Corp ISL55191 Datasheet HTML 14Page - Renesas Technology Corp ISL55191 Datasheet HTML 15Page - Renesas Technology Corp ISL55191 Datasheet HTML 16Page - Renesas Technology Corp ISL55191 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISL55191, ISL55291
FN6263 Rev 1.00
Page 13 of 18
March 30, 2007
Pin Descriptions
ISL55191
(8 LD SOIC)
ISL55191
(8 LD DFN)
ISL55291
(10 LD MSOP)
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
5
6
NC
Not connected
23
2 (A)
8 (B)
IN-
Inverting input
Circuit 1
34
3 (A)
7 (B)
IN+
Non-inverting input
(See circuit 1)
4
5
4
V-
Negative supply
67
1 (A)
9 (B)
OUT
Output
Circuit 2
7
8
10
V+
Positive supply
5 (A)
6 (B)
EN
Enable pin with internal pull-
down referenced to the -V pin;
Logic “1” selects the disabled
state; Logic “0” selects the
enabled state.
Circuit 3a
8
1
EN
Enable pin with internal pull-
down referenced to the -V pin;
Logic “0” (-V) selects the
disabled state; Logic “1” (+V)
selects the enabled state.
Circuit 3b
1
2
FEEDBACK Feedback pin to reduce IN-
capacitance
Circuit 4
IN+
IN-
V+
V-
V+
V-
OUT
EN
V+
V-
EN
V+
V-
FEEDBACK
V+
V-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com