Electronic Components Datasheet Search
  English  ▼

X  

ISL71218MBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL71218MBZ
Description  Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71218MBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL71218MBZ Datasheet HTML 9Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 10Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 11Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 12Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 13Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 14Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 15Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 16Page - Renesas Technology Corp ISL71218MBZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
FN8921 Rev.2.00
Page 13 of 28
Jan 19, 2021
ISL71218M
Typical Performance Curves
Figure 33. THD+N vs Output Voltage (VOUT) vs
Temperature, AV = 1, 10, RL = 2k
Figure 34. THD+N vs Output Voltage (VOUT) vs
Temperature, AV = 1, 10, RL = 10k
Figure 35. Large Signal 10V Step Response, VS = ±15V
Figure 36. Large Signal 4V Step Response, VS = ±5V
Figure 37. Small Signal Transient Response,
VS = ±5V, ±15V
Figure 38. No Phase Reversal
VS = ±15V, VCM = 0V, RL = Open, TA = +25°C, unless otherwise specified. (Continued)
0.0001
0.001
0.01
0.1
1.0
0
5
10
15
20
25
30
VOUT (VP-P)
AV = 1
C-Weighted
22Hz to 22kHz
AV = 10
-55°C
VS = ±15V
CL = 4pF
f = 1kHz
RL = 2k
-55°C
+125°C
+25°C
+125°C
+25°C
0.0001
0.001
0.01
0.1
1.0
0
5
10
15
20
25
30
VOUT (VP-P)
AV = 1
AV = 10
C-Weighted
22Hz to 22kHz
VS = ±15V
CL = 4pF
f = 1kHz
RL = 10k
+125°C
+25°C
-55°C
+25°C
-55°C
+125°C
-6
-4
-2
0
2
4
6
0
1020
30405060
70
8090
100
Time (µs)
VS = ±15V
AV = 1
RL = 2k
CL = 4pF
0
1020
3040
5060
7080
90
100
Time (µs)
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
2.4
VS = ±5V
AV = 1
RL = 2k
CL = 4pF
Time (µs)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2
VS = ±15V AND
AV = 1, RL = 2k
CL = 4pF
VS = ±5V
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0123
4
Time (ms)
VS = ±5V
VIN = ±5.9V
INPUT
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com