Electronic Components Datasheet Search
  English  ▼

X  

SPT5204QL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SPT5204QL
Description  Power Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SPT5204QL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SPT5204QL Datasheet HTML 1Page - Bourns Electronic Solutions SPT5204QL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Asia-Pacific:
TEL +886- (0)2 25624117 • FAX +886- (0)2 25624116
Europe:
TEL +41-41 768 5555 • FAX +41-41 768 5510
The Americas:
TEL +1-951 781-5500 • FAX +1-951 781-5700
www.bourns.com
Reliable Electronic Solutions
COPYRIGHT© 2005, BOURNS, INC. LITHO IN U.S.A., REV. 1/05
RECOMMEND SOLID GROUND PLANE ON COMPONENT
SIDE OF MOTHER BOARD UNDER SPT5204QL.
12 V
<2 A
F1
C1
2
3
7
8
C2
GND
GND
10
13
11
14
-63 V, 100 mA
-24 V, 50 mA
Return
-24 V, 50 mA
+12 Vin
VBAT1
VBAT2_b
VBAT2_a
PIN DESCRIPTIONS:
12 Vin
10-15 VDC input, <2 A
VBAT1
-63 V, 100 mA
VBAT2
-24 V, 2 x 50 mA outputs
GND
Common input and output returns
Product Schematic
100
80
60
40
20
0
-40
-30
-20
70
110
100
90
80
AMBIENT TEMPERATURE (°C)
0 LFM
100 LFM
Temperature Derating
Vin = 12 V; VB1 = 15 mA; VB2 = 75 mA (3 off-hook, 1 ringing, 5 REN)
or Vin = 12 V; VB1 = 3 mA; VB2 = 100 mA (4 off-hook)
SPT5204QL SLIC Power Module



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com