Electronic Components Datasheet Search
  English  ▼

X  

BB910 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB910
Description  VHF variable capacitance diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB910 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB910 Datasheet HTML 1Page - NXP Semiconductors BB910 Datasheet HTML 2Page - NXP Semiconductors BB910 Datasheet HTML 3Page - NXP Semiconductors BB910 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1996 May 03
2
Philips Semiconductors
Product specification
VHF variable capacitance diode
BB910
FEATURES
• Excellent linearity
• Matched to 2.5%
• Hermetically sealed leaded glass
SOD68 (DO-34) package
• C28: 2.5; ratio: 16
• Low series resistance.
APPLICATIONS
• Electronic tuning in VHF television
tuners, band B up to 460 MHz
• VCO.
DESCRIPTION
The BB910 is a variable capacitance
diode, fabricated in planar
technology, and encapsulated in the
hermetically sealed leaded glass
SOD68 (DO-34) package.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
30
V
IF
continuous forward current
−
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+100
°C
Fig.1 Simplified outline (SOD68; DO-34) and symbol.
Cathode side indicated by a red band on a black body.
Additional green band.
handbook, halfpage
MAM234
k
a
ELECTRICAL CHARACTERISTICS
Tj=25 °C; unless otherwise specified.
Note
1. VR is the value at which Cd = 40 pF.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IR
reverse current
VR = 28 V; see Fig.3
−−
10
nA
VR = 28 V; Tj =85 °C; see Fig.3
−−
200
nA
rs
diode series resistance
f = 100 MHz; note 1
−−
1
Ω
Cd
diode capacitance
VR = 0.5 V; f = 1 MHz; see Figs 2 and 4
38
−−
pF
VR = 28 V; f = 1 MHz; see Figs 2 and 4
2.3
−
2.7
pF
capacitance ratio
f = 1 MHz
14
−−
capacitance matching
VR = 0.5 to 28 V
−−
2.5
%
C
d 0.5V
()
C
d28V
()
----------------------
C
d
∆
C
d
----------



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com