Electronic Components Datasheet Search
  English  ▼

X  

RPMGS-20 Datasheet(PDF) 2 Page - Recom International Power

Part # RPMGS-20
Description  20 Amp 16th Brick Open Frame Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPMGS-20 Datasheet(HTML) 2 Page - Recom International Power

  RPMGS-20 Datasheet HTML 1Page - Recom International Power RPMGS-20 Datasheet HTML 2Page - Recom International Power RPMGS-20 Datasheet HTML 3Page - Recom International Power RPMGS-20 Datasheet HTML 4Page - Recom International Power RPMGS-20 Datasheet HTML 5Page - Recom International Power RPMGS-20 Datasheet HTML 6Page - Recom International Power RPMGS-20 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.recom-power.com
REV.: 0/2022
RPMGS-2
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPMGS-20
Series
Parameter
Condition
Min.
Typ.
Max.
Output Voltage Trimming (2)
RPMGS5.0-20
3.3VDC
8VDC
RPMGS12-20
8VDC
24VDC
Minimum Load
0%
Startup-time
RPMGS5.0-20
13ms
RPMGS12-20
20ms
Rise-time
RPMGS5.0-20
8ms
RPMGS12-20
16ms
ON/OFF CTRL
DC-DC ON
Open or 1.8V<V
CTRL<5.4VDC
DC-DC OFF
Short or 0V<V
CTRL<0.9VDC
Standby Current
DC-DC OFF
CTRL to GND
RPMGS5.0-20
VIN= 24VDC
0.065mA
VIN= 48VDC
0.126mA
VIN= 60VDC
0.156mA
RPMGS12-20
VIN= 24VDC
0.065mA
VIN= 48VDC
0.133mA
VIN= 60VDC
0.162mA
Internal Operating Frequency
200kHz
210kHz
220kHz
Notes:
Note2: For more detailed information, please refer to
“OUTPUT VOLTAGE TRIMMING“
Efficiency vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
24Vin
48Vin
60Vin
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
24Vin
48Vin
60Vin
RPMGS5.0-20
RPMGS12-20
Typical Application
+Vin
-Vin
+V
in
-V
in
-V
out
Trim
CTRL
+Sense
+V
out
R
up
+Vout
-Vout
COUT
CIN
VOUTset
CIN
Rup
COUT
15VDC
>200µF
10k
W
>=1000µF
For nom. VOUT leave Trim pin open



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com