Electronic Components Datasheet Search
  English  ▼

X  

7987P Datasheet(PDF) 2 Page - Belden Inc.

Part # 7987P
Description  NanoSkew™ 4-24 AWG pairs, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7987P Datasheet(HTML) 2 Page - Belden Inc.

  7987P Datasheet HTML 1Page - Belden Inc. 7987P Datasheet HTML 2Page - Belden Inc. 7987P Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal Velocity of Propagation (VP) [%] Typical Delay Skew
70%
0.007 ns/100m
High Frequency
Frequency [MHz] Max./Min. Input Impedance (unFitted) Max./Min. Fitted Impedance
1 MHz
100 ± 15
100 ± 15
4 MHz
100 ± 15
100 ± 15
8 MHz
100 ± 15
100 ± 15
10 MHz
100 ± 15
100 ± 15
16 MHz
100 ± 15
100 ± 15
20 MHz
100 ± 15
100 ± 15
25 MHz
100 ± 15
100 ± 15
31.25 MHz
100 ± 15
100 ± 15
62.5 MHz
100 ± 15
100 ± 15
100 MHz
100 ± 15
100 ± 15
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Operating Temperature Range:
-20°C To +75°C
Mechanical Characteristics
Bulk Cable Weight:
21 lbs/1000ft
Max. Pull Tension:
40 lbs
Min. Bend Radius/Minor Axis:
0.2 in
Standards
NEC/(UL) Compliance:
CMP
CEC/C(UL) Compliance:
CMP
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Plenum
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment): Yes
EU Directive Compliance:
Yes
EU CE Mark:
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
NFPA 262
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Related Part Numbers
Non-Plenum Number:
7987R
Variants
Item #
Color
Put-Up Type Length
UPC
7987P 1NDU1000 Maroon 1ND UnReel
1,000 ft 612825192503
7987P 1NDU1640 Maroon 1ND UnReel
1,640 ft 612825192510



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com